Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B923-SC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7B923-SC
Description  HOTLink??Transmitter/Receiver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B923-SC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7B923-SC Datasheet HTML 1Page - Cypress Semiconductor CY7B923-SC Datasheet HTML 2Page - Cypress Semiconductor CY7B923-SC Datasheet HTML 3Page - Cypress Semiconductor CY7B923-SC Datasheet HTML 4Page - Cypress Semiconductor CY7B923-SC Datasheet HTML 5Page - Cypress Semiconductor CY7B923-SC Datasheet HTML 6Page - Cypress Semiconductor CY7B923-SC Datasheet HTML 7Page - Cypress Semiconductor CY7B923-SC Datasheet HTML 8Page - Cypress Semiconductor CY7B923-SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
CY7B923
CY7B933
4
OUTA
±
OUTB
±
OUTC
±
PECL Out
Differential Serial Data Outputs. These PECL 100K outputs (+5V referenced) are capable of driving
terminated transmission lines or commercial fiber optic transmitter modules. Unused pairs of outputs
can be wired to VCC to reduce power if the output is not required. OUTA± and OUTB± are controlled by the
level on FOTO, and will remain at their “logical zero” states when FOTO is asserted. OUTC
± is unaffected
by the level on FOTO. (OUTA+ and OUTB+ are used as a differential test clock input while in Test mode, i.e.,
MODE=UNCONNECTED or forced to VCC/2.)
MODE
3-Level In
Encoder Mode Select. The level on MODE determines the encoding method to be used. When
wired to GND, MODE selects 8B/10B encoding. When wired to VCC, data inputs bypass the encoder
and the bit pattern on Da-j goes directly to the shifter. When left floating (internal resistors hold the input at
VCC/2) the internal bit-clock generator is disabled and OUTA+/OUTB+ become the differential bit clock to be
used for factory test. In typical applications MODE is wired to VCC or GND.
BISTEN
TTL In
Built-In Self-Test Enable. When BISTEN is LOW and ENA and ENN are HIGH, the transmitter sends an
alternating 1
−0 pattern (D10.2 or D21.5). When either ENA or ENN is set LOW and BISTEN is LOW, the
transmitter begins a repeating test sequence that allows the Transmitter and Receiver to work together to test
the function of the entire link. In normal use this input is held HIGH or wired to VCC. The BIST generator is
a free-running pattern generator that need not be initialized, but if required, the BIST sequence can be
initialized by momentarily asserting SVS while BISTEN is LOW. BISTEN has the same timing as D0−7.
RP
TTL Out
Read Pulse. RP is a 60% LOW duty-cycle byte-rate pulse train suitable for the read pulse in CY7C42X
FIFOs. The frequency on RP is the same as CKW when enabled by ENA, and duty cycle is independent of
the CKW duty cycle. Pulse widths are set by logic internal to the transmitter. In BIST mode, RP will remain
HIGH for all but the last byte of a test loop. RP will pulse LOW one byte time per BIST loop.
VCCN
Power for output drivers.
VCCQ
Power for internal circuitry.
GND
Ground.
CY7B923 HOTLink Transmitter (continued)
Name
I/O
Description
CY7B933 HOTLink Receiver
Name
I/O
Description
Q0−7
(Qb − h)
TTL Out
Q0−7 Parallel Data Output. Q0−7 contain the most recently received data. These outputs change synchro-
nously with CKR. When MODE is HIGH, Q0, 1, ...7 become Qb, c,...h respectively.
SC/D (Qa)
TTL Out
Special Character/Data Select. SC/D indicates the context of received data. HIGH indicates a Control
(Special Character) code, LOW indicates a Data character. When MODE is HIGH (placing the receiver in
Unencoded mode), SC/D acts as the Qa output. SC/D has the same timing as Q0−7.
RVS (Qj)
TTL Out
Received Violation Symbol. A HIGH on RVS indicates that a code rule violation has been detected
in the received data stream. A LOW shows that no error has been detected. In BIST mode, a LOW
on RVS indicates correct operation of the Transmitter, Receiver, and link on a byte-by-byte basis.
When MODE is HIGH (placing the receiver in Unencoded mode), RVS acts as the Qj output. RVS has
the same timing as Q0−7.
RDY
TTL Out
Data Output Ready. A LOW pulse on RDY indicates that new data has been received and is ready to be
delivered. A missing pulse on RDY shows that the received data is the Null character (normally inserted by
the transmitter as a pad between data inputs). In BIST mode RDY will remain LOW for all but the last byte
of a test loop and will pulse HIGH one byte time per BIST loop.
CKR
TTL Out
Clock Read. This byte rate clock output is phase and frequency aligned to the incoming serial data
stream. RDY, Q0−7, SC/D, and RVS all switch synchronously with the rising edge of this output.
A/B
PECL in
Serial Data Input Select. This PECL 100K (+5V referenced) input selects INA or INB as the active
data input. If A/B is HIGH, INA is connected to the shifter and signals connected to INA will be decoded. If
A/B is LOW INB is selected.
INA
±
Diff In
Serial Data Input A. The differential signal at the receiver end of the communication link may be
connected to the differential input pairs INA
± or INB±. Either the INA pair or the INB pair can be used as
the main data input and the other can be used as a loopback channel or as an alternative data input selected
by the state of A/B.


Similar Part No. - CY7B923-SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B923-SC CYPRESS-CY7B923-SC Datasheet
805Kb / 33P
   HOTLink Transmitter/Receiver
More results

Similar Description - CY7B923-SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923_05 Datasheet
805Kb / 33P
   HOTLink Transmitter/Receiver
CY7B9234 CYPRESS-CY7B9234 Datasheet
370Kb / 32P
   SMPTE HOTLink Transmitter/Receiver
CY7B9234 CYPRESS-CY7B9234_07 Datasheet
777Kb / 34P
   SMPTE HOTLink??Transmitter/Receiver
CYP15G0401TB CYPRESS-CYP15G0401TB Datasheet
286Kb / 30P
   Quad HOTLink II??Transmitter
CYP15G0401RB CYPRESS-CYP15G0401RB Datasheet
316Kb / 35P
   Quad HOTLink II??Receiver
CY24130 CYPRESS-CY24130 Datasheet
127Kb / 5P
   HOTLink SMPTE Receiver Training Clock
CY24130 CYPRESS-CY24130_08 Datasheet
214Kb / 6P
   HOTLink II??SMPTE Receiver Training Clock
logo
Epson Company
S1R77081F EPSON-S1R77081F Datasheet
161Kb / 2P
   RSDS Transmitter/Receiver
logo
STMicroelectronics
STB4395 STMICROELECTRONICS-STB4395 Datasheet
153Kb / 16P
   CT2 RECEIVER/TRANSMITTER
logo
rfsolutions.ltd
RF620T RFSOLUTIONS-RF620T Datasheet
132Kb / 7P
   SmartRadio Transmitter / Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com