Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWAE757K100CBEZ0000 Datasheet(PDF) 3 Page - AVX Corporation

Part # TWAE757K100CBEZ0000
Description  COTS-Plus Wet Electrolytic Tantalum Capacitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TWAE757K100CBEZ0000 Datasheet(HTML) 3 Page - AVX Corporation

  TWAE757K100CBEZ0000 Datasheet HTML 1Page - AVX Corporation TWAE757K100CBEZ0000 Datasheet HTML 2Page - AVX Corporation TWAE757K100CBEZ0000 Datasheet HTML 3Page - AVX Corporation TWAE757K100CBEZ0000 Datasheet HTML 4Page - AVX Corporation TWAE757K100CBEZ0000 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
97
TWA Series
COTS-Plus Wet Electrolytic Tantalum Capacitor
Capacitance
Rated Voltage DC (VR) to 85°C
μF
Code
25V
30V
50V
60V
75V
100V
125V
10
106
A*
A
15
156
A
22
226
A*
A*
A*
33
336
A
47
476
A*
AB
68
686
A
A
B
100
107
A
B
B
D
110
117
B
120
127
A
A*,BD
150
157
B
B
D*
DE
220
227
B
B
D*
D*,E
D,EE
330
337
B
D*
D*,E
E*
D,E
E
390
397
D
400
407
E
470
477
B,D*
D,E
E
E
(M)
560
567
B,D*
D*
E
680
687
D*,E
D,E
E
E
E
750
757
D,E
D,E
E
E
E
E
1000
108
D,E
D,E
D,E
E
E
1200
128
D
1500
158
E
E
1800
188
E
2200
228
E
E
3000
308
E
4700
478
E
5600
568
E*
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)
Released codes
Engineering samples - please contact manufacturer
*Codes under development
REV 01


Similar Part No. - TWAE757K100CBEZ0000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
More results

Similar Description - TWAE757K100CBEZ0000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWC AVX-TWC Datasheet
123Kb / 2P
   TWC-Y High Temperature Series COTS-Plus 200쨘C Wet Tantalum
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
AVX Corporation
TCB AVX-TCB Datasheet
535Kb / 4P
   COTS-Plus Polymer Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com