Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOSE337M004R0100 Datasheet(PDF) 2 Page - AVX Corporation

Part # NOSE337M004R0100
Description  Niobium Oxide Capacitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOSE337M004R0100 Datasheet(HTML) 2 Page - AVX Corporation

  NOSE337M004R0100 Datasheet HTML 1Page - AVX Corporation NOSE337M004R0100 Datasheet HTML 2Page - AVX Corporation NOSE337M004R0100 Datasheet HTML 3Page - AVX Corporation NOSE337M004R0100 Datasheet HTML 4Page - AVX Corporation NOSE337M004R0100 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
182
103015
OxiCap
® NOS Low ESR Series
Niobium Oxide Capacitor
Capacitance
Rated Voltage DC (VR) to 85°C
μF
Code
1.8V (x)
2.5V (e)
4.0V (G)
6.3V (J)
8V (P)
10
106
A(800,1000,
A(2200)
2000,2200)
B(1000)
15
156
A(1500,2000)
B(600,2000)
B(2000)
22
226
A(900,1900)
B(600,1900)
B(600,1900)
B(700,1800)
C(500)
B(600,1700)
33
336
B(1700)
B(600,1700)
C(500)
C(500)
W(250,500)
B(500,1600)
B(500,800)
47
476
B(500,1600)
C(300,500)
C(300,500)
C(400)
W(150,500)
C(200,500)
C(75,200,500)
68
686
W(150,400)
C(200,500)
X(100,500)
C(500)
Y(100,500)
B(350,1400)
C(70,150,400)
C(150,400)
100
107
W(150,400)
C(150,400)
X(100,400)
D(80,100,400)
D(400)
Y(100,400)
150
157
C(400)
C(65,150,400)
C(90,150,400)
D(50,70,100,400)
X(100,400)
Y(100,400)
Y(100,400)
220
227
C(125,400)
C(80,125,400)
D(40,60,100,400) D(45,60,100,400)
X(100,400)
Y(100,400)
Y(100,400)
E(80,100,400)
D(35,50,100,300)
D(35,55,100,300)
330
337
Y(100,300)
Y(100,300)
E(100)
E(80,100,300)
Y(150,300)
470
477
Y(100,300)
D(35,55,100,300)
D(100,300)
V(75,300)
E(100,300)
E(75,100,300)
680
687
E(60,300)
V(75,300)
1000
108
V(50,300)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Available Ratings, (ESR ratings in mOhms in brackets)
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.


Similar Part No. - NOSE337M004R0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOSE337M004-0100 AVX-NOSE337M004-0100 Datasheet
117Kb / 4P
   OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
More results

Similar Description - NOSE337M004R0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
   Niobium Oxide Capacitor
NOM AVX-NOM Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOJA156M010RWJ AVX-NOJA156M010RWJ Datasheet
116Kb / 4P
   Niobium Oxide Capacitor
NOJB226M01 AVX-NOJB226M01 Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
NOJD107M006RWJ AVX-NOJD107M006RWJ Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
208Kb / 7P
   Niobium Oxide Capacitor
NBS AVX-NBS Datasheet
125Kb / 3P
   NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
NOSB107M001-0350 AVX-NOSB107M001-0350 Datasheet
117Kb / 4P
   OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
TPSA475K010R1400 AVX-TPSA475K010R1400 Datasheet
102Kb / 5P
   Tantalum and Niobium Oxide Capacitors
TPSA154M050R9000 AVX-TPSA154M050R9000 Datasheet
140Kb / 6P
   Tantalum Capacitors Niobium Oxide Capacitors (OxiCapTM)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com