Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX241R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CX241R
Description  1.5Amp 120/240Vac AC Output Low Profile SIP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CX241R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CX241R Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - CX241R

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX241R CRYDOM-CX241R Datasheet
485Kb / 4P
   PCB Mount
CX241R CRYDOM-CX241R Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CX241R CRYDOM-CX241R Datasheet
649Kb / 5P
   PCB Mount
More results

Similar Description - CX241R

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB6AW4B1B SCHNEIDER-XB6AW4B1B Datasheet
111Kb / 2P
   PUSHBUTTON 240VAC 1.5AMP XB6 OPTIONS
logo
List of Unclassifed Man...
D2W202F ETC1-D2W202F Datasheet
23Kb / 1P
   2-3.5 Amps 120/240 Vac AC Output SIP
CX240A5 ETC1-CX240A5 Datasheet
33Kb / 2P
   5Amp 120/240, 380, 480 Vac AC Output SIP
AO241 ETC1-AO241 Datasheet
23Kb / 1P
   1.0-2.0 Amp 120/240 Vac AC Output MINI-SIP
logo
LinkCom Manufacturing C...
PLKBPHE010C351 LINKCOM-PLKBPHE010C351 Datasheet
247Kb / 2P
   AC Input 100-240Vac
PLCCS0040142 LINKCOM-PLCCS0040142 Datasheet
73Kb / 2P
   AC Input 100-240Vac
PLKBPHE005C351 LINKCOM-PLKBPHE005C351 Datasheet
262Kb / 2P
   AC Input 100-240Vac
PLKBPHE005C701 LINKCOM-PLKBPHE005C701 Datasheet
242Kb / 2P
   AC Input 100-240Vac
PLCCS0040112 LINKCOM-PLCCS0040112 Datasheet
73Kb / 2P
   AC Input 100-240Vac
PLCCS0040342 LINKCOM-PLCCS0040342 Datasheet
73Kb / 2P
   AC Input 100-240Vac
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com