Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6T250CAY Datasheet(PDF) 8 Page - STMicroelectronics

Part # SM6T250CAY
Description  Automotive 600 W Transil
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T250CAY Datasheet(HTML) 8 Page - STMicroelectronics

  SM6T250CAY Datasheet HTML 1Page - STMicroelectronics SM6T250CAY Datasheet HTML 2Page - STMicroelectronics SM6T250CAY Datasheet HTML 3Page - STMicroelectronics SM6T250CAY Datasheet HTML 4Page - STMicroelectronics SM6T250CAY Datasheet HTML 5Page - STMicroelectronics SM6T250CAY Datasheet HTML 6Page - STMicroelectronics SM6T250CAY Datasheet HTML 7Page - STMicroelectronics SM6T250CAY Datasheet HTML 8Page - STMicroelectronics SM6T250CAY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
SM6T250CAY
8/9
DocID027594 Rev 2
4
Ordering information
Figure 13. Ordering information scheme
5
Revision history
Table 4. Ordering information
Order code
Marking
Weight
Base qty.
Delivery mode
SM6T250CAY
PRY
0.11 g
2500
Tape and reel
Table 5. Document revision history
Date
Revision
Changes
19-Mar-2015
1
Initial release.
09-Apr-2015
2
Updated Figure 7.


Similar Part No. - SM6T250CAY

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SM6T250CA SUNMATE-SM6T250CA Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SM6T250CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T30CAY STMICROELECTRONICS-SM6T30CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T22CAY STMICROELECTRONICS-SM6T22CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com