Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCN4477M016R0100 Datasheet(PDF) 2 Page - AVX Corporation

Part # TCN4477M016R0100
Description  Conductive Polymer Solid Electrolytic Chip Capacitors Undertab Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCN4477M016R0100 Datasheet(HTML) 2 Page - AVX Corporation

  TCN4477M016R0100 Datasheet HTML 1Page - AVX Corporation TCN4477M016R0100 Datasheet HTML 2Page - AVX Corporation TCN4477M016R0100 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
119
120715
Capacitance
Rated Voltage DC to 85°C / 0.66DC to 105°C
μF
Code
4V (G)
6.3V (J)
10V (A)
16V (C)
25V (E)
35V (V)
1.0
105
O*
4.7
475
T(200)
10
106
T(200)
15
156
N(500)*
22
226
N(500)*
T(200)/X*
X(100)*
33
336
N(500)*
K(500)*/N(500)*
K(500)*/N(500)*
L(200)/T(200)
47
476
N(500)*
K(500)*/M(250)*
K(500)*/S(500)*
L(250)/T(200)
X(100)
X(100)
N(500)*
68
686
K(500)*/N(500)*
K(500)*/S(500)*
G(150)*/L(150)*
S(500)*
G(200)*
G(150)*/L(150)*
100
107
K(500)*/S(500)*
K(200,250)
S(150)*/T(150)*
3(70)
L(200)/S(250)
150
157
G(200)*/L(200)*
K(200)*/L(200)
G(150)*/H(150)*
X(70)
4(70)
S(500)*
S(250)/T(200)
T(150)*
220
227
G(200)*/L(150)*
H(100,200)*
H(150)*
4(70)
S(200)*/T(150)*
T(200)
330
337
H(150)*/T(150)*
H(200)*
4(70)
470
477
H(150)*
X(50)
4(100)
1000
108
X(200)/4(55)
1500
158
4(55)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
TCN Series
Conductive Polymer Solid Electrolytic Chip Capacitors Undertab Series
Available Ratings, (ESR ratings in mOhms in brackets)
Engineering samples - please contact manufacturer
*Codes under development - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards.
RATINGS & PART NUMBER REFERENCE
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at
rated voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 218.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
Rated
Rated
Category Category
DCL
DF
ESR
100kHz RMS Current (mA)
Product
AVX
Case
Cap
Voltage
Temp.
Voltage
Temp.
(μA)
%
Max. (mΩ)
MSL
25ºC
85ºC
105ºC
Category
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
6.3 Volt @ 85°C
TCNK107M006#0200
K
100
6.3
85
6.3
85
60
10
200
3
700
500
85°C
TCNK107M006#0250
K
100
6.3
85
6.3
85
60
10
250
3
600
400
85°C
TCNL107M006#0200
L
100
6.3
85
5
105
60
10
200
3
700
500
300
105°C
TCNS107M006#0250
S
100
6.3
85
6.3
85
60
10
250
3
600
400
85°C
TCNL157M006#0200
L
150
6.3
85
5
105
90
10
200
3
700
500
300
105°C
TCNS157M006#0250
S
150
6.3
85
6.3
85
90
10
250
3
600
400
85°C
TCNT157M006#0200
T
150
6.3
85
5
105
90
10
200
3
700
500
300
105°C
TCNT227M006#0200
T
220
6.3
85
6.3
85
132
10
200
3
700
500
85°C
TCNX477M006#0050
X
470
6.3
85
6.3
85
282
10
50
3
1900
1300
85°C
TCNX108M006#0200
X
1000
6.3
85
6.3
85
600
30
200
3
900
600
85°C
TCN4108M006#0055
4
1000
6.3
85
6.3
85
600
20
55
4
1860
1302
85°C
TCN4158M006#0055
4
1500
6.3
85
6.3
85
900
20
55
4
1860
1302
85°C
16 Volt @ 85°C
TCNL336M016#0200
L
33
16
85
16
85
52.8
6
200
3
700
500
85°C
TCNT336M016#0200
T
33
16
85
16
85
52.8
6
200
3
700
500
85°C
TCNL476M016#0250
L
47
16
85
16
85
75.2
6
250
3
600
400
85°C
TCNT476M016#0200
T
47
16
85
16
85
75.2
6
200
3
700
500
85°C
TCNX157M016#0070
X
150
16
85
16
85
240
6
70
3
1600
1100
85°C
TCN4227M016#0070
4
220
16
105
16
105
352
20
70
4
1650
1155
660
105°C
TCN4337M016#0070
4
330
16
85
16
85
528
20
70
4
1650
1155
85°C
TCN4477M016#0100
4
470
16
85
16
85
752
20
100
4
1380
966
85°C
25 Volt @ 85°C
TCNT226M025#0200
T
22
25
85
20
105
55
6
200
3
700
500
300
105°C
TCNX476M025#0100
X
47
25
105
25
105
117.5
6
100
3
1300
900
600
105°C
TCN3107M025#0070
3
100
25
105
25
105
250
6
70
4
1440
1008
576
105°C
TCN4157M025#0070
4
150
25
85
20
105
375
6
70
4
1650
1155
660
105°C
35 Volt @ 85°C
TCNT475M035#0200
T
4.7
35
85
35
85
16.5
10
200
3
700
500
85°C
TCNT106M035#0200
T
10
35
85
35
85
35
10
200
3
700
500
85°C
TCNX476M035#0100
X
47
35
85
28
105
164.5
10
100
3
1300
900
600
105°C


Similar Part No. - TCN4477M016R0100

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCN4-13 MINI-TCN4-13 Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-13++ MINI-TCN4-13+ Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-162 MINI-TCN4-162 Datasheet
343Kb / 1P
   RF Transformer
TCN4-162++ MINI-TCN4-162+ Datasheet
343Kb / 1P
   RF Transformer
TCN4-22 MINI-TCN4-22 Datasheet
226Kb / 1P
   Ceramic Balun RF Transformer
More results

Similar Description - TCN4477M016R0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F381A225MMAAXE AVX-F381A225MMAAXE Datasheet
103Kb / 3P
   Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
F38 AVX-F38 Datasheet
668Kb / 4P
   Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
TCN AVX-TCN Datasheet
990Kb / 6P
   Highest CV/cc Conductive Polymer Chip Capacitors Undertab
F380J106MMA AVX-F380J106MMA Datasheet
250Kb / 3P
   Conductive Polymer, Miniature, Undertab
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com