Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F380J226MSAAH1 Datasheet(PDF) 3 Page - AVX Corporation

Part # F380J226MSAAH1
Description  Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F380J226MSAAH1 Datasheet(HTML) 3 Page - AVX Corporation

  F380J226MSAAH1 Datasheet HTML 1Page - AVX Corporation F380J226MSAAH1 Datasheet HTML 2Page - AVX Corporation F380J226MSAAH1 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
127
101215
F38 Series
Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
TEST
F38 series (Temperature range -55ºC to +105ºC)
Condition
At 40°C, 90 to 95% R.H., 500 hours (No voltage applied)
Damp Heat
Capacitance Change ........... Refer to page 126 (*3)
(Steady State)
Dissipation Factor ................ 200% or less of initial specified value
Leakage Current .................. 300% or less of Initial specified value
At -55°C / +105°C, 30 minutes each, 5 cycles
Temperature Cycles
Capacitance Change ........... Refer to page 126 (*3)
Dissipation Factor ................ 200% or less of initial specified value
Leakage Current .................. 400% or less of initial specified value
10 seconds reflow at 240°C
Resistance to
Capacitance Change ........... Refer to page 126 (*3)
Soldering Heat
Dissipation Factor ................ 200% or less of initial specified value
Leakage Current .................. 300% or less of initial specified value
After application of surge voltage in series with a 1kΩ resistor at the rate of 30 seconds ON, 30 seconds OFF,
for 1000 successive test cycles at 85ºC (*2), capacitors shall meet the characteristic requirements in the table above.
Surge
Capacitance Change ........... Refer to page 126 (*3)
Dissipation Factor ................ 200% or less of initial specified value
Leakage Current .................. 300% or less of initial specified value
After 1000 hours’ application of rated voltage in series with a 3Ω resistor at 85°C (*2),
capacitors shall meet the characteristic requirements in the table above.
Endurance
Capacitance Change ........... Refer to page 126 (*3)
Dissipation Factor ................ 200% or less of initial specified value
Leakage Current .................. 400% or less of initial specified value
Shear Test
After applying the pressure load of 5N for 10±1 seconds horizontally to the center of capacitor side body
which has no electrode and has been soldered beforehand on a substrate, there shall be found neither
exfoliation nor its sign at the terminal electrode.
Terminal Strength
Keeping a capacitor surface-mounted on a substrate upside down and supporting the substrate at
both of the opposite bottom points 45mm apart from the center of capacitor, the pressure strength is
applied with a specified jig at the center of substrate so that the substrate may bend by 1mm as
illustrated. Then, there shall be found no remarkable abnormality on the capacitor terminals.
QUALIFICATION TABLE
NOTICE: DESIGN, SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE.
*2 F380J476MMAAXE: Rated temperature +60ºC Surge, endurance test temperature +60ºC


Similar Part No. - F380J226MSAAH1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F380J106MMA AVX-F380J106MMA Datasheet
250Kb / 3P
   Conductive Polymer, Miniature, Undertab
More results

Similar Description - F380J226MSAAH1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F38 AVX-F38 Datasheet
668Kb / 4P
   Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
TCNL157M006R0200 AVX-TCNL157M006R0200 Datasheet
241Kb / 3P
   Conductive Polymer Solid Electrolytic Chip Capacitors Undertab Series
F380J106MMA AVX-F380J106MMA Datasheet
250Kb / 3P
   Conductive Polymer, Miniature, Undertab
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
TCN AVX-TCN Datasheet
990Kb / 6P
   Highest CV/cc Conductive Polymer Chip Capacitors Undertab
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com