Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2028UFDH-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2028UFDH-7
Description  Low On-Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2028UFDH-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2028UFDH-7 Datasheet HTML 1Page - Diodes Incorporated DMN2028UFDH-7 Datasheet HTML 2Page - Diodes Incorporated DMN2028UFDH-7 Datasheet HTML 3Page - Diodes Incorporated DMN2028UFDH-7 Datasheet HTML 4Page - Diodes Incorporated DMN2028UFDH-7 Datasheet HTML 5Page - Diodes Incorporated DMN2028UFDH-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMN2028UFDH
Document number: DS35805 Rev. 5 - 2
2 of 6
www.diodes.com
January 2013
© Diodes Incorporated
DMN2028UFDH
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage (Note 5)
VGSS
±12
V
Continuous Drain Current (Note 7) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
6.8
5.8
A
t<10s
TA = +25°C
TA = +70°C
ID
8.8
7.0
A
Maximum Body Diode Forward Current (Note 7)
IS
2
A
Pulsed Drain Current (10
μs pulse, Duty cycle = 1%)
IDM
40
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
1.1
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
118
°C/W
t<10s
72
Total Power Dissipation (Note 7)
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 7)
Steady state
RθJA
82
°C/W
t<10s
50
Thermal Resistance, Junction to Case (Note 7)
RθJC
14
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
1
µA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
±10
µA
VGS = ±10V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
0.5
1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
16
20
mΩ
VGS = 10V, ID = 4A
17
22
VGS = 4.5V, ID = 4A
19
26
VGS = 2.5V, ID = 4A
24
36
VGS = 1.8V, ID = 4A
Forward Transfer Admittance
|Yfs|
8
S
VDS = 5V, ID = 12A
Diode Forward Voltage
VSD
0.7
1.0
V
VGS = 0V, IS = 5A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
151
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
91
pF
Reverse Transfer Capacitance
Crss
32
pF
Gate Resistance
Rg
200
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
8.5
nC
VGS = 4.5V, VDS = 10V,
ID = 6.5A
Gate-Source Charge
Qgs
1.6
nC
Gate-Drain Charge
Qgd
2.8
nC
Turn-On Delay Time
tD(on)
53
ns
VGS = 10V, VDS = 4.5V,
RG = 6Ω, RL = 1.0 Ω, ID = 1A
Turn-On Rise Time
tr
77
ns
Turn-Off Delay Time
tD(off)
561
ns
Turn-Off Fall Time
tf
234
ns
Notes:
5. AEC-Q101 VGS maximum is ±9.6V.
6. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
8 .Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMN2028UFDH-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2028UFDH DIODES-DMN2028UFDH_15 Datasheet
281Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results

Similar Description - DMN2028UFDH-7

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com