Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2023UCB4-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2023UCB4-7
Description  Qualified to AEC-Q101 Standards for High Reliability
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2023UCB4-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2023UCB4-7 Datasheet HTML 1Page - Diodes Incorporated DMN2023UCB4-7 Datasheet HTML 2Page - Diodes Incorporated DMN2023UCB4-7 Datasheet HTML 3Page - Diodes Incorporated DMN2023UCB4-7 Datasheet HTML 4Page - Diodes Incorporated DMN2023UCB4-7 Datasheet HTML 5Page - Diodes Incorporated DMN2023UCB4-7 Datasheet HTML 6Page - Diodes Incorporated DMN2023UCB4-7 Datasheet HTML 7Page - Diodes Incorporated DMN2023UCB4-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMN2023UCB4
Document number: DS35829 Rev. 10 - 2
2 of 8
www.diodes.com
March 2015
© Diodes Incorporated
DMN2023UCB4
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VSSS
24
V
Gate-Source Voltage (Note 5)
VGSS
12
V
Continuous Source Current
@ TA = +25°C (Note 6)
Steady
State
TA = +25°C
TA = +70°C
IS
6.0
4.8
A
Pulsed Source Current @ TA = +25°C (Notes 6 & 7)
ISM
20
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Power Dissipation, @ TA = +25°C (Note 6)
PD
1.45
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 6)
RJA
88.21
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Source to Source Breakdown Voltage TJ = +25°C
V(BR)SS
24
V
IS = 1mA, VGS = V TEST CIRCUIT 1
Zero Gate Voltage Source Current TJ = +25°C
ISSS
1.0
µA
VSS = 20V, VGS = 0V TEST CIRCUIT 1
Gate-Body Leakage
IGSS
10
µA
VGS = 8V, VDS = 0V TEST CIRCUIT 2
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
0.5
1.3
V
VSS = 10V, IS = 1.0mA TEST CIRCUIT 3
Static Source -Source On-Resistance
RSS (ON)
17
21.5
25.5
m
VGS = 6.5V, IS = 3.0A TEST CIRCUIT 5
17.5
22
26
VGS = 4.5V, IS = 3.0A TEST CIRCUIT 5
18.5
23
27
VGS = 4.0V, IS = 3.0A TEST CIRCUIT 5
19
23.5
29
VGS = 3.7V, IS = 3.0A TEST CIRCUIT 5
19.5
24
33
VGS = 3.1V, IS = 3.0A TEST CIRCUIT 5
21.5
27
40
VGS = 2.5V, IS = 3.0A TEST CIRCUIT 5
Forward Transfer Admittance
|Yfs|
12
S
VSS = 10V, IS = 3.0A TEST CIRCUIT 4
Body Diode Forward Voltage
VF(S-S)
0.7
1
V
IF = 3.0A, VGS = 0V, TEST CIRCUIT 6
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
2564
3333
pF
VSS = 10V, VGS = 0V, f = 1.0MHz
TEST CIRCUIT 7
Output Capacitance
Coss
197
275
Reverse Transfer Capacitance
Crss
183
260
Total Gate Charge
Qg
29
37
nC
VGS = 4.5V, VSS = 10V, IS = 6A
TEST CIRCUIT 9
Turn-On Delay Time
tD(on)
10
15
ns
VDD = 10V,
RL = 3.33Ω, IS = 3.0A
TEST CIRCUIT 8
Turn-On Rise Time
tr
20
ns
Turn-Off Delay Time
tD(off)
75
110
ns
Turn-Off Fall Time
tf
29
ns
Notes:
5. AEC-Q101 VGS maximum is ±9.6V.
6. Device mounted on FR4 material with 1-inch
2 (6.45-cm2),2-oz.(0.071-mm thick) Cu.
7. Repetitive rating, pulse width limited by junction temperature.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMN2023UCB4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2023UCB4-7 DIODES-DMN2023UCB4-7 Datasheet
438Kb / 9P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
More results

Similar Description - DMN2023UCB4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1080UCB4 DIODES-DMP1080UCB4 Datasheet
428Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2008UFG DIODES-DMP2008UFG Datasheet
261Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
DMNH6012SPSQ DIODES-DMNH6012SPSQ Datasheet
654Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1100UCB4 DIODES-DMP1100UCB4 Datasheet
392Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2006UFG DIODES-DMP2006UFG Datasheet
434Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
BS107P DIODES-BS107P Datasheet
658Kb / 5P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7401SFG DIODES-DMG7401SFG Datasheet
269Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7408SFG DIODES-DMG7408SFG Datasheet
157Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com