Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2005UFG-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN2005UFG-13
Description  Qualified to AEC-Q101 Standards for High Reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2005UFG-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN2005UFG-13 Datasheet HTML 1Page - Diodes Incorporated DMN2005UFG-13 Datasheet HTML 2Page - Diodes Incorporated DMN2005UFG-13 Datasheet HTML 3Page - Diodes Incorporated DMN2005UFG-13 Datasheet HTML 4Page - Diodes Incorporated DMN2005UFG-13 Datasheet HTML 5Page - Diodes Incorporated DMN2005UFG-13 Datasheet HTML 6Page - Diodes Incorporated DMN2005UFG-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMN2005UFG
Document number: DS36943 Rev. 3 - 2
5 of 7
www.diodes.com
January 2016
© Diodes Incorporated
DMN2005UFG
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T = 85°C
A
0
5
10
15
20
25
0
0.3
0.6
0.9
1.2
T = 125°C
A
T = 150°C
A
T = -55°C
A
T = 25°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
100
1000
10000
100000
0
2
4
6
8
10
12
14
16
18
20
f = 1MHz
Ciss
Coss
Crss
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
2
4
6
8
10
0
20
40
60
80
100 120 140 160 180
V
= 16V
I =
A
DS
D
27
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
R
Limited
DS(ON)
0.01
0.1
1
10
100
0.01
0.1
1
10
100
T
= 150°C
T = 25°C
V
= 10V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
t1, PULSE DURATION TIME (sec)
Figure 13 Transient Thermal Resistance
R
(t) = r(t) * R
R
= 132°C/W
Duty Cycle, D = t1/ t2

JA
JA
JA
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000


Similar Part No. - DMN2005UFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2005UFGQ DIODES-DMN2005UFGQ Datasheet
562Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
March 2019 Rev. 4 - 2
DMN2005UFGQ-13 DIODES-DMN2005UFGQ-13 Datasheet
562Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
March 2019 Rev. 4 - 2
DMN2005UFGQ-7 DIODES-DMN2005UFGQ-7 Datasheet
562Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
March 2019 Rev. 4 - 2
DMN2005UFG DIODES-DMN2005UFG_15 Datasheet
344Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results

Similar Description - DMN2005UFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1080UCB4 DIODES-DMP1080UCB4 Datasheet
428Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2008UFG DIODES-DMP2008UFG Datasheet
261Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
DMNH6012SPSQ DIODES-DMNH6012SPSQ Datasheet
654Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1100UCB4 DIODES-DMP1100UCB4 Datasheet
392Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2006UFG DIODES-DMP2006UFG Datasheet
434Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
BS107P DIODES-BS107P Datasheet
658Kb / 5P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7401SFG DIODES-DMG7401SFG Datasheet
269Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7408SFG DIODES-DMG7408SFG Datasheet
157Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com