Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR16MES944V8 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CR16MES944V8
Description  Family of CompactRISC 16-Bit Microcontrollers
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CR16MES944V8 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CR16MES944V8 Datasheet HTML 5Page - National Semiconductor (TI) CR16MES944V8 Datasheet HTML 6Page - National Semiconductor (TI) CR16MES944V8 Datasheet HTML 7Page - National Semiconductor (TI) CR16MES944V8 Datasheet HTML 8Page - National Semiconductor (TI) CR16MES944V8 Datasheet HTML 9Page - National Semiconductor (TI) CR16MES944V8 Datasheet HTML 10Page - National Semiconductor (TI) CR16MES944V8 Datasheet HTML 11Page - National Semiconductor (TI) CR16MES944V8 Datasheet HTML 12Page - National Semiconductor (TI) CR16MES944V8 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
9
www.national.com
GND
24
52
PWR
X2CKO
N/A
53
O
X2CKI
N/A
54
I
PI0
ACH0
e,f
25
57
I/O
PI1
ACH1
e,f
26
58
I/O
PI2
ACH2
e,f
27
59
I/O
PI3
ACH3
e,f
28
60
I/O
PI4
ACH4
e,f, MIWU4
29
61
I/O
PI5
ACH5
e,f, MIWU5
30
62
I/O
PI6
ACH6
e,f, MIWU6
31
63
I/O
PI7
ACH7
e,f, MIWU7
32
64
I/O
Vref
N/A
66
PWR
AVcc
33
f
67
PWR
AGND
34
f
68
PWR
GND
N/A
69
PWR
Vcc
N/A
70
PWR
GND
N/A
71
PWR
RESET
d
35
76
I
PB0
36
77
I/O
PB1
37
78
I/O
PB2
38
79
I/O
PB3
39
80
I/O
PB4
40
1
I/O
PB5
41
2
I/O
PB6
42
3
I/O
PB7
43
4
I/O
PL0
COMP1N
e
N/A
73
I/O
PL1
COMP1P
e
N/A
74
I/O
PL2
COMP1O
N/A
5
I/O
PL3
N/A
6
I/O
PL4
COMP2N
e , MIWU0
N/A
8
I/O
PL5
COMP2P
e, MIWU1
N/A
9
I/O
Table 1
Package Pin Assignments
Pin Name
Alternate Function(s)
44-pin PLCC
Package
Pin Number
80-pin PQFP
Package
Pin Number
Type


Similar Part No. - CR16MES944V8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CR16MES9 TI1-CR16MES9 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
More results

Similar Description - CR16MES944V8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
logo
National Semiconductor ...
CR16HCS5 NSC-CR16HCS5 Datasheet
722Kb / 156P
   Family of 16-bit CAN-enabled CompactRISC Microcontrollers
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
logo
Samsung semiconductor
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com