Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1231LCJ-1 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1231LCJ-1
Description  12-Bit, uP Compatible, Double-Buffered D to A Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1231LCJ-1 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DAC1231LCJ-1 Datasheet HTML 6Page - National Semiconductor (TI) DAC1231LCJ-1 Datasheet HTML 7Page - National Semiconductor (TI) DAC1231LCJ-1 Datasheet HTML 8Page - National Semiconductor (TI) DAC1231LCJ-1 Datasheet HTML 9Page - National Semiconductor (TI) DAC1231LCJ-1 Datasheet HTML 10Page - National Semiconductor (TI) DAC1231LCJ-1 Datasheet HTML 11Page - National Semiconductor (TI) DAC1231LCJ-1 Datasheet HTML 12Page - National Semiconductor (TI) DAC1231LCJ-1 Datasheet HTML 13Page - National Semiconductor (TI) DAC1231LCJ-1 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Application Hints (Continued)
width If this does not provide a sufficient data hold time at
the end of the write cycle a negative edge triggered one-
shot can be included between the system write strobe and
the WR pin of the DAC This is illustrated in
Figure 6 for an
exemplary system which provides a 250 ns WR strobe time
with a data hold time of only 10 ns
The proper data set-up time prior to the latching edge (low
to high transition) of the WR strobe is insured if the WR
pulse width is within spec and the data is valid on the bus for
the duration of the DAC WR strobe
19 Digital Signal Feedthrough
A typical microprocessor is a tremendous potential source
of high frequency noise which can be coupled to sensitive
analog circuitry The fast edges of the data and address bus
signals generate frequency components of 10’s of mega-
hertz and may cause fast transients to appear at the DAC
output even when data is latched internally
In low frequency or DC applications low pass filtering can
reduce the magnitude of any fast transients This is most
easily accomplished by over-compensating the DAC output
amplifier by increasing the value of its feedback capacitor
In applications requiring a fast output response from the
DAC and op amp filtering may not be feasible In this event
digital signals can be completely isolated from the DAC
circuitry by the use of a DM74LS374 latch until a valid
CS signal is applied to update the DAC This is shown in
Figure 7
A single TRI-STATE
data buffer such as the DM81LS95
can be used to isolate any number of DACs in a system
Figure 8 shows this isolating circuitry and decoding hard-
ware for a multiple DAC analog output card Pull-up resis-
tors are used on the buffer outputs to limit the impedance at
the DAC digital inputs when the card is not selected A
unique feature of this card is that the DAC XFER strobes are
controlled by the data bus This allows a very flexible update
of any combination of analog outputs via a transfer word
which would contain a zero in the bit position assigned to
any of the DACs required to change to a new output value
TLH5690-13
FIGURE 7 Isolating Data Bus from DAC Circuitry to Eliminate Digital Noise Coupling
10


Similar Part No. - DAC1231LCJ-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1231LCJ-1 NSC-DAC1231LCJ-1 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
Texas Instruments
DAC1231LCJ-1 TI1-DAC1231LCJ-1 Datasheet
612Kb / 20P
[Old version datasheet]   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
More results

Similar Description - DAC1231LCJ-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1006 NSC-DAC1006 Datasheet
369Kb / 22P
   uP Compatible, Double-Buffered D to A Converters
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
Texas Instruments
DAC1208 TI1-DAC1208_11 Datasheet
612Kb / 20P
[Old version datasheet]   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
National Semiconductor ...
DAC0830 NSC-DAC0830 Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
logo
Texas Instruments
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
[Old version datasheet]   DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
National Semiconductor ...
ADC080X NSC-ADC080X Datasheet
2Mb / 3P
   8 BIT UP COMPATIBLE A/D CONVERTERS
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
   8-Bit uP Compatible A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com