Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

270X120L102A1A Datasheet(PDF) 1 Page - CTS Corporation

Part No. 270X120L102A1A
Description  Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CTS [CTS Corporation]
Homepage  http://www.ctscorp.com
Logo 

270X120L102A1A Datasheet(HTML) 1 Page - CTS Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Industrial
16mm Diameter
Carbon Composition
Rotary Potentiometer
Series 270
Electrical and Mechanical Specifications
Resistance Range
500 ohms through 2 Megohms, linear
Resistance Tolerance
Power Rating
Angle of Rotation
Total Rotation (Potentiometer and Switch)
Without Switch: 300°
With Switch:
315°
Effective Electrical Angle (Potentiometer)
Without Switch: 300°
With Switch:
290°
1 - 9
© 2015 CTS Corporation. All rights reserved. I nformation subject to change.
03/27/15
CTS Electrocomponents
www.ctscorp.com
®
Electrocomponents
Data Sheet
Rotary Potentiometer
±30%, ±20%, ±10%
5K ohms through 200K ohms, audio
Dielectric Strength
750 VAC for 1 minute
Maximum Operating Voltage
500 VDC
Insulation Resistance
100 Megohms minimum @ 250 VDC
Rotational Torque
36-360 gf-cm
Stop Strength
5.76 kgf-cm minimum
Push-Pull Strength of Shaft
10 kg for 10 seconds
Rotational life
10K cycles
Operating temperature
-10°C to +70°C
Solder Heat Resistance
260°C for 5 seconds
Features
- Bushing
- Twist or Bend Tab
- Snap-in PC Bracket
- PC Terminal
Mounting Information
- Bushing
- Twist Tab
- Bend Tab
- Snap-in PC Bracket
- PC Terminal
1/4 watts @ 55°C (Resistance up to 100K ohms)
1/5 watts @ 55°C (Resistance above 100K ohms)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn