Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM78L08S Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM78L08S
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM78L08S Datasheet(HTML) 2 Page - New Japan Radio

  NJM78L08S Datasheet HTML 1Page - New Japan Radio NJM78L08S Datasheet HTML 2Page - New Japan Radio NJM78L08S Datasheet HTML 3Page - New Japan Radio NJM78L08S Datasheet HTML 4Page - New Japan Radio NJM78L08S Datasheet HTML 5Page - New Japan Radio NJM78L08S Datasheet HTML 6Page - New Japan Radio NJM78L08S Datasheet HTML 7Page - New Japan Radio NJM78L08S Datasheet HTML 8Page - New Japan Radio NJM78L08S Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NJM78L00S
- 2 -
Ver.2015-08-31
■ ABSOLUTE MAXIMUM RATINGS
(Unless otherwise noted, Ta = 25ºC)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Input Voltage
VIN
NJM78L03S to NJM78L08S : 30
NJM78L10S to NJM78L15S : 35
V
Power Dissipation
PD
625 (*1)
2400 (*2)
mW
Junction Temperature Range
Tj
- 40 to + 150
°C
Operating Temperature Range
Topr
- 40 to + 125
°C
Storage Temperature Range
Tstg
- 50 to + 150
°C
(*1) Mounted on glass epoxy board. (76.2
114.31.6mm:EIA/JDEC standard size, 2Layers, copper area 100mm2)
(*2) Mounted on glass epoxy board. (76.2
114.31.6mm:EIA/JDEC standard size, 4Layers)
(4Layers inner foil: 74.2
74.2mm applying a thermal via hole to a board based on JEDEC standard JESD51-5)
■ ELECTRICAL CHARACTERISTICS
(CIN=0.33µF, CO=0.1µF, Tj=25°C)Measurement is to be conducted is pulse testing.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
NJM78L03SU3
Output Voltage
VO
VIN=9V, IO=40mA
2.88
3.0
3.12
V
Line Regulation 1
ΔV
O-VIN1
VIN=5V to 20V, IO=40mA
-
-
125
mV
Line Regulation 2
ΔV
O-VIN2
VIN=6V to 20V, IO=40 mA
-
-
100
mV
Load Regulation 1
ΔV
O-IO1
VIN=9V, IO=1 to 40 mA
-
-
25
mV
Load Regulation 2
ΔV
O-IO2
VIN=9V, IO=1 to 100 mA
-
-
50
mV
Quiescent Current
IQ
VIN=9V, IO=0 mA
-
2.0
6
mA
Average Temperature
Coefficient of Output Voltage
ΔV
O/ΔT
VIN=9V, IO=1 mA
-
0.2
-
mV/ºC
Ripple Rejection
RR
6V<VIN<16V, IO=40mA,
ein=1VP-P, f=120Hz
43
72
-
dB
Output Noise Voltage
VNO
VIN=9V, BW=10Hz to 100kHz, IO=40mA
-
40
-
µVrms
Dropout Voltage
ΔV
IO
IO=100mA
-
1.7
-
V
NJM78L33SU3
Output Voltage
VO
VIN=9.3V, IO=40mA
3.17
3.3
3.43
V
Line Regulation 1
ΔV
O-VIN1
VIN=5.3V to 20V, IO=40mA
-
-
135
mV
Line Regulation 2
ΔV
O-VIN2
VIN=6.3V to 20V, IO=40mA
-
-
105
mV
Load Regulation 1
ΔV
O-IO1
VIN=9.3V, IO=1 to 40mA
-
-
26
mV
Load Regulation 2
ΔV
O-IO2
VIN=9.3V, IO=1 to 100mA
-
-
53
mV
Quiescent Current
IQ
VIN=9.3V, IO=0mA
-
2.0
6
mA
Average Temperature
Coefficient of Output Voltage
ΔV
O/ΔT
VIN=9.3V, IO=1mA
-
0.25
-
mV/ºC
Ripple Rejection
RR
6.3V<VIN<16.3V, IO=40mA,
ein=1VP-P, f=120Hz
42
71
-
dB
Output Noise Voltage
VNO
VIN=9.3V, BW=10Hz to 100kHz, IO=40mA
-
45
-
µVrms
Dropout Voltage
ΔV
IO
IO=100mA
-
1.7
-
V


Similar Part No. - NJM78L08S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM78L08A NJRC-NJM78L08A Datasheet
195Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L08A NJRC-NJM78L08A Datasheet
195Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L08A NJRC-NJM78L08A Datasheet
195Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM78L08A ETC2-NJM78L08A Datasheet
216Kb / 9P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L08A ETC2-NJM78L08A Datasheet
216Kb / 9P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - NJM78L08S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com