Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C650-180-WH Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # C650-180-WH
Description  TBU High-Speed Protectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

C650-180-WH Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  C650-180-WH Datasheet HTML 1Page - Bourns Electronic Solutions C650-180-WH Datasheet HTML 2Page - Bourns Electronic Solutions C650-180-WH Datasheet HTML 3Page - Bourns Electronic Solutions C650-180-WH Datasheet HTML 4Page - Bourns Electronic Solutions C650-180-WH Datasheet HTML 5Page - Bourns Electronic Solutions C650-180-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
C650 and C850 Series TBU® High-Speed Protectors
Reference Application
The C-series devices are general protectors that can be used in a variety of applications. The basic operation of the device will be
demonstrated using the single line application shown in the figure below. The test circuit was subjected to a 1000 V, 10/700 µs surge
waveform. The devices used were the TBU-C850-100-WH and a 2031-42T-SM-RPLF GDT (OVP) with a 10 ohm resistor for the load
impedance.
The graph below shows the waveforms for the voltage across the overvoltage protector (GDT) and the current through the TBU®
device. As the input line voltage increases, the current through the TBU® device increases rapidly until the trip current is reached. Due
to finite reaction time for fast transients, the peak level may exceed the low frequency data sheet maximum for a very short period,
typically ~100 ns. After this initial overshoot, the TBU® device will transition to the protected state, setting the current to the nominal
current limiting level (~150 mA for this example). The TBU® device will then reduce the current down it to its very low quiescent level
of 1 mA, typically. As the input line voltage increases to about 500 V, the GDT is triggered, reducing the input line voltage to a very low
level which prevents the TBU® device from being subjected to a voltage level which exceeds its maximum rating (850 V in this
example). The TBU® High-Speed Orotector and the GDT will remain in these states until the surge ends, which is about 700 µs later
in this example. Only the first 4 µs of the surge are shown in the graph. For surges or AC voltages below the GDT breakover voltage,
the GDT will not activate, and the TBU® device will stay in the protecting mode, blocking high voltages from the protected equipment.
General Application Circuit
“TBU” is a registered trademark of Bourns, Inc. in the United States and other countries.
REV. 09/15
ZLOAD
Line
TBU® Device
OVP
1000
800
600
400
200
0
-200
-400
-600
-800
-1000
900
800
700
600
500
400
300
200
100
0
100
0
0.5
1
1.5
2
2.5
3
3.5
4
Time (µs)
GDT Voltage
TBU® Device Current
TBU-C850-100-WH Response to a 1000 V, 10/700 µs Surge
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - C650-180-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
C650-180-WH BOURNS-C650-180-WH Datasheet
648Kb / 6P
   Transient Blocking Units - TBU??Devices
C650-180-WH BOURNS-C650-180-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
C650-180-WH BOURNS-C650-180-WH_12 Datasheet
694Kb / 6P
   C650 and C850 Series TBU짰 High-Speed Protectors
More results

Similar Description - C650-180-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
TBU-KE025-500-WH BOURNS-TBU-KE025-500-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH Datasheet
492Kb / 6P
   TBU High Speed Protectors
TBU-PK050-100-WH BOURNS-TBU-PK050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-CA-Q BOURNS-TBU-CA-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com