Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTV121100 Datasheet(PDF) 2 Page - CSB Battery Co., Ltd.

Part # XTV121100
Description  Cells per unit 6 Voltage per unit 12
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CSB-BATTERY [CSB Battery Co., Ltd.]
Direct Link  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

XTV121100 Datasheet(HTML) 2 Page - CSB Battery Co., Ltd.

  XTV121100_16 Datasheet HTML 1Page - CSB Battery Co., Ltd. XTV121100_16 Datasheet HTML 2Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.60
4
0
8
12
16
20
24
2.20
2.40
2.00
1.80
1.60
1.40
0.20
0.14
0.17
0.11
0.08
0.05
0.02
140
100
120
80
60
40
20
)Ratio
2.60
4
0
8
12
16
20
24
2.20
2.40
2.00
1.80
1.60
1.40
0.20
0.14
0.17
0.11
0.08
0.05
0.02
140
100
120
80
60
40
20
)Ratio
13.65V
(2.275V/Cell)
68
Charge Voltage(V/Cell)
Application
Temperature Set Point
Allowable Range
Max.Charge Current
Cycle Use
25 (77 )
2.45
2.40~2.50
Standby
25 (77 )
2.275
2.25~2.30
0.3C
Final Discharge
Voltage V/Cell
1.75
1.70
1.60
1.30
Discharge
Current(A)
0.2C>(A)
0.2C<(A)<0.5C
0.5C<(A)<1.0C
(A)>1.0C
XTV 121100
12V 110Ah
GLOBAL HQ
CSB BATTERY CO., LTD. (TAIWAN)
Tel : +886-2-2880-5600
Fax : +886-2-2888-3300
mail : service@csb-battery.com.tw
AMERICA HQ
CSB BATTERY TECHNOLOGIES INC. (U.S.A)
Tel : +1-817-244-7777/1-(800)3-CSB-USA(272872)
Fax : +1-817-244-4445
mail : csb@csb-battery.com
EUROPE HQ
CSB Battery Europe BV.
Tel : +31(0)-180-418-140
Fax :+31(0)-180-418-327
mail : eurosales@csb-battery.eu
BEIJING OFFICE. (CHINA)
CSB BATTERY TECHNOLOGIES (BEIJING) CO., LTD.
Tel : +86-10-5820-5336/5338
Fax : +86-10-58203053
mail : chinasls@csb-battery.com
SHANGHAI OFFICE. (CHINA)
CSB BATTERY LOGISTIC (SHANGHAI) CO., LTD.
Tel : +86-21-5046-1622/5046-0833
Fax : +86-21-5064-1046
mail : chinasls@csb-battery.com
SHENZHEN OFFICE.( CHINA )
CSB BATTERY LOGISTIC ( SHANGHAI ) CO., LTD.
Tel : +86-755-8831-6488/6396/6356
Fax : +86-755-8831-6548
mail : she@csb-battery.com.cn


Similar Part No. - XTV121100_16

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
XTV121100 CSB-BATTERY-XTV121100_17 Datasheet
402Kb / 1P
   Valve Regulated Lead Acid Battery
More results

Similar Description - XTV121100_16

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
GP12650 CSB-BATTERY-GP12650_16 Datasheet
782Kb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
HR1290W CSB-BATTERY-HR1290W_16 Datasheet
2Mb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
GPL12750 CSB-BATTERY-GPL12750_16 Datasheet
694Kb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
HRL12540W CSB-BATTERY-HRL12540W_16 Datasheet
2Mb / 2P
   Cells per unit 6 Voltage per unit 12
TPL12800 CSB-BATTERY-TPL12800_16 Datasheet
660Kb / 2P
   Cells per unit 6 Voltage per unit 12
TPL12900 CSB-BATTERY-TPL12900_16 Datasheet
670Kb / 2P
   Cells per unit 6 Voltage per unit 12
UPS12460 CSB-BATTERY-UPS12460_16 Datasheet
2Mb / 2P
   Cells per unit 6 Voltage per unit 12
XHRL12620W CSB-BATTERY-XHRL12620W_16 Datasheet
2Mb / 2P
   Cells per unit 6 Voltage per unit 12
GPL12260 CSB-BATTERY-GPL12260_16 Datasheet
742Kb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
HRL1223W CSB-BATTERY-HRL1223W_16 Datasheet
2Mb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
HRL12280W CSB-BATTERY-HRL12280W_16 Datasheet
2Mb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com