Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKL2-T/3-W5P-C Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # OKL2-T/3-W5P-C
Description  Programmable Output 3-Amp iLGA SMT PoLs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKL2-T/3-W5P-C Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

Back Button OKL2-T/3-W5P-C Datasheet HTML 3Page - Murata Power Solutions Inc. OKL2-T/3-W5P-C Datasheet HTML 4Page - Murata Power Solutions Inc. OKL2-T/3-W5P-C Datasheet HTML 5Page - Murata Power Solutions Inc. OKL2-T/3-W5P-C Datasheet HTML 6Page - Murata Power Solutions Inc. OKL2-T/3-W5P-C Datasheet HTML 7Page - Murata Power Solutions Inc. OKL2-T/3-W5P-C Datasheet HTML 8Page - Murata Power Solutions Inc. OKL2-T/3-W5P-C Datasheet HTML 9Page - Murata Power Solutions Inc. OKL2-T/3-W5P-C Datasheet HTML 10Page - Murata Power Solutions Inc. OKL2-T/3-W5P-C Datasheet HTML 11Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PERFORMANCE DATA AND OSCILLOGRAMS
Efficiency vs. Line Voltage and Load Current @ +25˚C. (Vout = 1.8V)
Maximum Current Temperature Derating at Sea Level (Vin=5V, Vout=1.8V)
0.5
1.0
1.5
2.0
2.5
3.0
80
85
90
95
100
Load C urre nt (Amps)
VIN = 2.4V
VIN = 5V
VIN = 5.5V
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
0.33 m/s (65 LFM)
Ambient Temperature (ºC)
Step Load Transient Response (Vin=5V, Vout=1.8V, Cload=0, Iout=1.5A to 3A)
Trace 2=Vout, 100 mV/div. Trace 4=Iout, 2.5A/div.
Step Load Transient Response (Vin=5V, Vout=1.8V, Cload=0, Iout=3A to 1.5A)
Trace 2=Vout, 100 mV/div. Trace 4=Iout, 2.5A/div.
On/Off Enable Delay (Vin=5V, Vout=1.8V, Iout=6A, Cload=0)
Trace 4=Enable, Trace2=Vout
Output Ripple and Noise (Vin=5V, Vout=1.8V, Iout=3A, Cload=0, ScopeBW=20MHz)
OKL-T/3-W5 Series
Programmable Output 3-Amp iLGA SMT PoLs
MDC_OKL-T/3-W5 Series.C02 Page 7 of 17
www.murata-ps.com/support


Similar Part No. - OKL2-T/3-W5P-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKL2-T/3-W5P-C MURATA-PS-OKL2-T/3-W5P-C Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL2-T/3-W5P-C MURATA-OKL2-T/3-W5P-C Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL2-T/3-W5P-C MURATA-PS-OKL2-T/3-W5P-C Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL2-T/3-W5P-C MURATA-PS-OKL2-T/3-W5P-C Datasheet
2Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
2023
More results

Similar Description - OKL2-T/3-W5P-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKL-T3-W12 MURATA-PS-OKL-T3-W12 Datasheet
175Kb / 4P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL2-T MURATA-PS-OKL2-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T-3-W5 MURATA-OKL-T-3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T3-W12 MURATA-PS-OKL-T3-W12_10 Datasheet
978Kb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL-T3-W5 MURATA-PS-OKL-T3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T1-W12 MURATA-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T1-W12 MURATA-PS-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T-6-W5 MURATA-OKL-T-6-W5 Datasheet
985Kb / 15P
   Programmable Output 6-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T6-W5 MURATA-PS-OKL-T6-W5 Datasheet
985Kb / 15P
   Programmable Output 6-Amp iLGA SMT PoLs
OKL-T6-W12 MURATA-PS-OKL-T6-W12 Datasheet
1Mb / 15P
   Programmable Output 6-Amp ILGA SMT PoLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com