Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKDY-T Datasheet(PDF) 32 Page - Murata Power Solutions Inc.

Part # OKDY-T
Description  50A Digital PoL DC-DC Converter Series
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKDY-T Datasheet(HTML) 32 Page - Murata Power Solutions Inc.

Back Button OKDY-T Datasheet HTML 28Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 29Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 30Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 31Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 32Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 33Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 34Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 35Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 36Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
The Snapshot feature enables the user to read the parameters via
the PMBus interface during normal operation, although it should be
noted that reading the 22 bytes will occupy the bus for some time.
The Snapshot enables the user to store the snapshot parameters to
Flash memory in response to a pending fault as well as to read the
stored data from Flash memory after a fault has occurred. Automatic
store to Flash memory following a fault is triggered when any fault
threshold level is exceeded, provided that the specific fault response
is to shut down. Writing to Flash memory is not allowed if the device
is configured to restart following the specific fault condition. It should
also be noted that the device supply voltage must be maintained
during the time the device is writing data to Flash memory; a process
that requires between 700-1400 μs depending on whether the data
is set up for a block write. Undesirable results may be observed if the
input voltage of the product drops below 3.0 V during this process.
Non-Volatile Memory (NVM)
The product incorporates two Non-Volatile Memory areas for storage of
the supported PMBus commands; the Default NVM and the User NVM.
The Default NVM is pre-loaded with Murata factory default
values. The Default NVM is write-protected and can be used to
restore the Murata factory default values through the command
RESTORE_DEFAULT_ALL.
The User NVM is pre-loaded with Murata factory default values. The
User NVM is writable and open for customization. The values in NVM
are loaded into operational RAM during initialization according to sec-
tion “Initialization Procedure”, where after commands can be changed
through the PMBus Interface. The STORE_USER_ALL command will
store the changed parameters to the User NVM.
Software tools for design and production
Murata provides software tools for configuration and monitoring of
this product via the PMBus interface. For more information please
contact your local Murata sales representative.
PMBus addressing
The PMBus address should be configured with resistors connected
between the SA0/SA1 pins and the PREF pin, as shown in the
PMBus interface
This product provides a PMBus digital interface that enables the user
to configure many aspects of the device operation as well as to moni-
tor the input and output voltages, output current and device tem-
perature. The product can be used with any standard two-wire I2C or
SMBus host device. In addition, the product is compatible with PMBus
version 1.1 and includes an SALERT line to help mitigate bandwidth
limitations related to continuous fault monitoring. The product sup-
ports 100 kHz bus clock frequency only. The PMBus signals, SCL, SDA
and SALERT require passive pull-up resistors as stated in the SMBus
Specification. Pull-up resistors are required to guarantee the rise time
as follows:
Eq. 6.
 = R
p Cp ≤ 1μs,
where Rp is the pull-up resistor value and Cp is the bus loading, the
maximum allowed bus load is 400 pF. The pull-up resistor should be
tied to an external supply voltage in range from 2.7 to 5.5 V, which
should be present prior to or during power-up. If the proper power
supply is not available, voltage dividers may be applied. Note that in
this case, the resistance in the equation above corresponds to parallel
connection of the resistors forming the voltage divider.
Monitoring via PMBus
It is possible to monitor a wide variety of parameters through the
PMBus interface. Fault conditions can be monitored using the SALERT
pin, which will be asserted when any number of pre-configured fault
or warning conditions occurs. It is also possible to continuously moni-
tor one or more of the power conversion parameters including but not
limited to the following:
Input voltage (READ_VIN)
Output voltage (READ_VOUT)
Output current (READ_IOUT)
Internal junction temperature (READ_TEMPERATURE_1)
Switching frequency (READ_FREQUENCY)
Duty cycle (READ_DUTY_CYCLE)
In the default configuration monitoring is enabled also when the
output voltage is disabled. This can be changed in order to reduce
standby power consumption.
Snap shot parameter capture
This product offers a special feature that enables the user to capture
parametric data during normal operation or following a fault. The fol-
lowing parameters are stored:
Input voltage
Output voltage
Output current
Internal junction temperature
Switching frequency
Duty cycle
Status registers
User NVM
Factory default
Customizable
RAM
RESTORE_DEFAULT_ALL
Default NVM
Factory default
Write-protected
READ
WRITE
PMBus interface
STORE_USER_ALL
INITIALIZATION
INITIALIZATION
RESTORE USER ALL
OKDx-T/50-W12-C
50A Digital PoL DC-DC Converter Series
MDC_OKDx-T/50-W12-C.A04 Page 32 of 41
www.murata-ps.com/support


Similar Part No. - OKDY-T

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKDY-T/40-W12-001-C MURATA-PS-OKDY-T/40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDY-T/40-W12-001-C MURATA-PS-OKDY-T/40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results

Similar Description - OKDY-T

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Power Solutions ...
OKDL-T MURATA-PS-OKDL-T Datasheet
1Mb / 31P
   12A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com