Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKDX-T/40-W12-001-C Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # OKDX-T/40-W12-001-C
Description  40A Digital PoL DC-DC Converter Series
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKDX-T/40-W12-001-C Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button OKDX-T/40-W12-001-C Datasheet HTML 5Page - Murata Power Solutions Inc. OKDX-T/40-W12-001-C Datasheet HTML 6Page - Murata Power Solutions Inc. OKDX-T/40-W12-001-C Datasheet HTML 7Page - Murata Power Solutions Inc. OKDX-T/40-W12-001-C Datasheet HTML 8Page - Murata Power Solutions Inc. OKDX-T/40-W12-001-C Datasheet HTML 9Page - Murata Power Solutions Inc. OKDX-T/40-W12-001-C Datasheet HTML 10Page - Murata Power Solutions Inc. OKDX-T/40-W12-001-C Datasheet HTML 11Page - Murata Power Solutions Inc. OKDX-T/40-W12-001-C Datasheet HTML 12Page - Murata Power Solutions Inc. OKDX-T/40-W12-001-C Datasheet HTML 13Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Output Ripple & Noise, VO = 1.0 V
Typical Characteristics
Output Voltage
Output Ripple & Noise, VO =3.3 V
Output voltage ripple at: TP1 = +25 °C, VI = 12
V, CO = 470 μF/10 mΩ
IO = 40 A
Trace: output voltage (10 mV/div.).
Time scale: (2 μs/div.).
Output voltage ripple at: TP1 = +25 °C,
VI = 12 V, CO = 470 μF/10 mΩ
IO = 40 A
Output Ripple vs. Input Voltage
Trace: output voltage (10 mV/div.).
Time scale: (2 μs/div.).
Output Ripple vs. Frequency
Output voltage ripple Vpk-pk at: TP1 = +25°C, CO = 470 μF/10 mΩ, IO = 40 A.
Output Ripple vs. External Capacitance
Load regulation, VO =1.0 V
Output voltage ripple Vpk-pk at: TP1 = +25°C, VI = 12 V, CO = 470 μF/10 mΩ,
IO = 40 A. Default configuration except changed frequency.
Output voltage ripple Vpk-pk at: TP1 = +25 °C, VI = 12 V, IO = 40 A.
Parallel coupling of capacitors with 470 μF/10 mΩ,
0
10
Load regulation at Vo =1.0 V at: TP1 = +25 °C, CO = 470 μF/10 mΩ
20
30
40
579
11
13
[V]
[mV
pk-pk]
0.6 V
1.0 V
1.8 V
3.3 V
0
20
40
60
80
100
200
300
250
400
450
350
500
550
600 [kHz]
[mV
pk-pk]
0.6 V
1.0 V
1.8 V
3.3 V
0
10
20
30
40
5
4
3
2
1
0
[mV]
[mF]
0.6 V
1.0 V
1.8 V
3.3 V
0.990
0.995
1.000
1.005
08
1.010
16
24
32
40
[V]
[A]
4.5 V
5.0 V
12 V
14 V
OKDx-T/40-W12-xxx-C
40A Digital PoL DC-DC Converter Series
MDC_OKDx-T/40-W12-xxx-C.A05 Page 9 of 38
www.murata-ps.com/support


Similar Part No. - OKDX-T/40-W12-001-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKDX-T/40-W12-001-C MURATA-PS-OKDX-T/40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results

Similar Description - OKDX-T/40-W12-001-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDY-T MURATA-PS-OKDY-T Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
OKDL-T MURATA-PS-OKDL-T Datasheet
1Mb / 31P
   12A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com