Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKDH-T Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # OKDH-T
Description  40A Digital PoL DC-DC Converter Series
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKDH-T Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  OKDH-T Datasheet HTML 1Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 2Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 3Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 4Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 5Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 6Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 7Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 8Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
PART NUMBER STRUCTURE
FEATURES
Small package: SMD/TH: 30.85 x 20.0 x 8.2 mm
(1.215 x 0.787 x 0.323 in); SIP: 33.0 x 7.6 x 18.1 mm
(1.30 x 0.30 x 0.713 in)
0.6 V - 3.3 V output voltage range
High efficiency, typ. 97.2% at 5Vin, 3.3Vout half
load
Configuration and monitoring via PMBus™
Synchonization & phase spreading
Current sharing, voltage tracking & voltage
margining
Voltage setting via pin-strap or PMBus™
MTBF 14.2 Mh
Non-Linear Response for reduction of decou-
pling capacitor
Remote control & power good
Output short-circuit, output over voltage, & over
temperature protection
Certified to UL/IEC 60950-1
Typical units
PM
Typical units
PRODUCT OVERVIEW
The OKDx-T/40-W12 series are high effi-
ciency, digital point-of-Load (PoL) DC-DC
power converters capable of delivering
40A/132W. Available in three different pack-
age formats, through-hole, single-in-line,
and surface mount, these converters have a
typical efficiency of 97.2%. PMBus™ compat-
ibility allows monitoring and configuration of
critical system-level performance require-
ments. Apart from standard PoL performance
and safety features like OVP, OCP, OTP, and
UVLO, these digital converters have advanced
features: digital current sharing (full power,
no derating), non-linear transient response,
optimized dead time control, synchronization,
and phase spreading. These converters are
ideal for use in telecommunications, network-
ing, and distributed power applications.
Power Management via PMBus™
Configurable soft-start/stop
Configurable output voltage (Vout) and voltage
margins (Margin low and Margin high)
Configurable protection limits for OVP, input over
voltage, input under voltage, over current, on/off,
and temperature
Status monitor Vout, Iout, Vin, Temp, Power
good, and On/Off
Applications
Distributed power architectures
Intermediate bus voltage applications
Servers and storage applications
Network equipment
OKDx-T/40-W12-xxx-C
40A Digital PoL DC-DC Converter Series
MDC_OKDx-T/40-W12-xxx-C.A05 Page 1 of 38
www.murata-ps.com
www.murata-ps.com/support
Trimmable Output
Voltage Range
0.6 - 3.3Vdc
- T
Y = Surface Mount
H = Horizontal Mount Through-Hole
X = SIP
x
Digital Non-isolated PoL
OKD
C
-
RoHS Hazardous
Substance Compliance
C = RoHS-6 (does not claim EU RoHS exemption
7b – lead in solder)
Maximum Rated Output
Current in Amps
/ 40
Input Voltage Range
4.5-14Vdc
W12
-
xxx
-
Software Configuration Digits
(001 is positive turn-on logic)
(002 is negative turn-on logic)*
*Special quantity order is required;
contact Murata Power Solutions for
MOQ and lead times.


Similar Part No. - OKDH-T

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKDH-T/40-W12-001-C MURATA-PS-OKDH-T/40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDH-T/50-W12-001-C MURATA-PS-OKDH-T/50-W12-001-C Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
OKDH-T/50-W12-002-C MURATA-PS-OKDH-T/50-W12-002-C Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results

Similar Description - OKDH-T

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Power Solutions ...
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDY-T MURATA-PS-OKDY-T Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
OKDL-T MURATA-PS-OKDL-T Datasheet
1Mb / 31P
   12A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com