Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKDH-T Datasheet(PDF) 31 Page - Murata Power Solutions Inc.

Part # OKDH-T
Description  40A Digital PoL DC-DC Converter Series
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKDH-T Datasheet(HTML) 31 Page - Murata Power Solutions Inc.

Back Button OKDH-T Datasheet HTML 27Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 28Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 29Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 30Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 31Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 32Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 33Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 34Page - Murata Power Solutions Inc. OKDH-T Datasheet HTML 35Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Designation
Cmd
Impl
TON_RISE
61h
Yes
TOFF_DELAY
64h
Yes
TOFF_FALL
65h
Yes
TON_MAX_FAULT_LIMIT
62h
No
Status Commands (Read Only)
CLEAR_FAULTS
03h
Yes
STATUS_BYTE
78h
Yes
STATUS_WORD
79h
Yes
STATUS_VOUT
7Ah
Yes
STATUS_IOUT
7Bh
Yes
STATUS_INPUT
7Ch
Yes
STATUS_TEMPERATURE
7Dh
Yes
STATUS_CML
7Eh
Yes
STATUS_MFR_SPECIFIC
80h
Yes
Monitor Commands (Read Only
READ_VIN
88h
Yes
READ_VOUT
8Bh
Yes
READ_IOUT
8Ch
Yes
READ_TEMPERATURE_1
8Dh
Yes
READ_TEMPERATURE_2
8Eh
No
READ_FAN_SPEED_1
90h
No
READ_DUTY_CYCLE
94h
Yes
READ_FREQUENCY
95h
Yes
Group Commands
INTERLEAVE
37h
Yes
PHASE_CONTROL
F0h
Yes
Identification Commands
PMBUS_REVISION
98h
Yes
MFR_ID
99h
Yes
MFR_MODEL
9Ah
Yes
MFR_REVISION
9Bh
Yes
MFR_LOCATION
9Ch
Yes
MFR_DATE
9Dh
Yes
MFR_SERIAL
9Eh
Yes
Supervisory Commands
STORE_DEFAULT_ALL
11h
Yes
RESTORE_DEFAULT_ALL
12h
Yes
STORE_USER_ALL
15h
Yes
RESTORE_USER_ALL
16h
Yes
Product Specific Commands
Output Commands
XTEMP_SCALE
D9h
No
XTEMP_OFFSET
DAh
No
Time Setting Commands
POWER_GOOD_DELAY
D4h
Yes
Fault limit Commands
IOUT_AVG_OC_FAULT_LIMIT
E7h
Yes
IOUT_AVG_UC_FAULT_LIMIT
E8h
Yes
Fault Response Commands
MFR_IOUT_OC_FAULT_RESPONSE
E5h
Yes
MFR_IOUT_UC_FAULT_RESPONSE
E6h
Yes
OVUV_CONFIG
D8h
Yes
Configuration and Control Commands
MFR_CONFIG
D0h
Yes
USER_CONFIG
D1h
Yes
MISC_CONFIG
E9h
Yes
TRACK_CONFIG
E1h
Yes
PID_TAPS
D5h
Yes
PID_TAPS_CALC*
F2h
Yes
INDUCTOR
D6h
Yes
NLR_CONFIG
D7h
Yes
PMBus Commands
The products are PMBus compliant. The following table lists the
implemented PMBus read commands. For more detailed information
see PMBus Power System Management Protocol Specification; Part I
– General Requirements, Transport and Electrical Interface and PMBus
Power System Management Protocol; Part II – Command Language.
Designation
Cmd
Impl
Standard PMBus Commands
Control Commands
PAGE
00h
No
OPERATION
01h
Yes
ON_OFF_CONFIG
02h
Yes
WRITE_PROTECT
10h
No
Output Commands
VOUT_MODE (Read Only)
20h
Yes
VOUT_COMMAND
21h
Yes
VOUT_TRIM
22h
Yes
VOUT_CAL_OFFSET
23h
Yes
VOUT_MAX
24h
Yes
VOUT_MARGIN_HIGH
25h
Yes
VOUT_MARGIN_LOW
26h
Yes
VOUT_TRANSITION_RATE
27h
Yes
VOUT_DROOP
28h
Yes
MAX_DUTY
32h
Yes
FREQUENCY_SWITCH
33h
Yes
VIN_ON
35h
No
VIN_OFF
36h
No
IOUT_CAL_GAIN
38h
Yes
IOUT_CAL_OFFSET
39h
Yes
VOUT_SCALE_LOOP
29h
No
VOUT_SCALE_MONITOR
2Ah
No
COEFFICIENTS
30h
No
Fault Limit Commands
POWER_GOOD_ON
5Eh
Yes
POWER_GOOD_OFF
5Fh
No
VOUT_OV_FAULT_LIMIT
40h
Yes
VOUT_OV_WARN_LIMIT
42h
No
VOUT_UV_WARN_LIMIT
43h
No
VOUT_UV_FAULT_LIMIT
44h
Yes
IOUT_OC_FAULT_LIMIT
46h
Yes
IOUT_OC_WARN_LIMIT
4Ah
No
IOUT_UC_FAULT_LIMIT
4Bh
Yes
OT_FAULT_LIMIT
4Fh
Yes
OT_WARN_LIMIT
51h
Yes
UT_WARN_LIMIT
52h
Yes
UT_FAULT_LIMIT
53h
Yes
VIN_OV_FAULT_LIMIT
55h
Yes
VIN_OV_WARN_LIMIT
57h
Yes
VIN_UV_WARN_LIMIT
58h
Yes
VIN_UV_FAULT_LIMIT
59h
Yes
Fault Response Commands
VOUT_OV_FAULT_RESPONSE
41h
Yes
VOUT_UV_FAULT_RESPONSE
45h
Yes
OT_FAULT_RESPONSE
50h
Yes
UT_FAULT_RESPONSE
54h
Yes
VIN_OV_FAULT_RESPONSE
56h
Yes
VIN_UV_FAULT_RESPONSE
5Ah
Yes
IOUT_OC_FAULT_RESPONSE
47h
No
IOUT_UC_FAULT_RESPONSE
4Ch
No
Time setting Commands
TON_DELAY
60h
Yes
OKDx-T/40-W12-xxx-C
40A Digital PoL DC-DC Converter Series
MDC_OKDx-T/40-W12-xxx-C.A05 Page 31 of 38
www.murata-ps.com/support


Similar Part No. - OKDH-T

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKDH-T/40-W12-001-C MURATA-PS-OKDH-T/40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDH-T/50-W12-001-C MURATA-PS-OKDH-T/50-W12-001-C Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
OKDH-T/50-W12-002-C MURATA-PS-OKDH-T/50-W12-002-C Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results

Similar Description - OKDH-T

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Power Solutions ...
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDY-T MURATA-PS-OKDY-T Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
OKDL-T MURATA-PS-OKDL-T Datasheet
1Mb / 31P
   12A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com