Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8361IDBQR Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8361IDBQR
Description  Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8361IDBQR Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS8361IDBQR Datasheet HTML 3Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 4Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 5Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 6Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 7Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 8Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 9Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 10Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ADS8361
7
SBOS230C
www.ti.com
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
COMMENTS
tCONV
Conversion Time
1.6
µs
When TCKP = 100ns
tACQ
Acquisition Time
0.4
µs
When TCKP = 100ns
tCKP
Clock Period
100
10,000
ns
tCKL
Clock LOW
40
ns
tCKH
Clock HIGH
40
ns
tF
DOUT Fall Time
25
ns
tR
DOUT Rise Time
30
ns
t1
CONVST HIGH
15
ns
t2
Address Setup Time
15
ns
Address latched on falling edge of CLK cycle ‘2’.
t3
Address Hold Time
15
t4
RD Setup Time
15
ns
Before falling edge of CLOCK.
t5
RD to CS Hold Time
15
ns
After falling edge of CLOCK.
t6
CONVST LOW
20
ns
t7
RD LOW
20
ns
t8
CS Setup Time
15
ns
Before falling edge of CLOCK (for RD).
t9
CLOCK to Data Valid Delay
30
ns
Maximum delay following rising edge of CLOCK.
t10
Data Valid After CLOCK(3)
1
ns
Time data is valid after second rising edge of CLOCK.
t11
CS Setup Time
0
ns
Before CONVST
TIMING CHARACTERISTICS
TIMING CHARACTERISTICS
Timing Characteristics over recommended operating free-air temperature range T
MIN to TMAX, AVDD = 5V, REFIN = REFOUT internal reference +2.5V,
f
CLK = 10MHz, fSAMPLE = 500kSPS, and BVDD = 2.7 ÷ 5.5V (unless otherwise noted).
NOTES: (1) All input signals are specified with tr = tf = 5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2. (2) See timing diagram
above. (3) ‘n – 1’ data will remain valid 1ns after rising edge of next CLOCK cycle.
CH
A/B
CH
0/1
A0
RD
CS
BUSY
Serial
Data A
1
CLOCK
CONVST
23
4
11
10
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
D15
D14
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
D15
D14
D13
D12
Serial
Data B
D15
D14
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
D15
D14
D13
D12
CH
0/1
0
t
3
t
1
t
CONV
t
ACQ
t
CONV
t
7
t
10
t
9
t
6
t
CKH
t
CKL
0
t
2
t
11
t
4
t
8
t
8
t
5


Similar Part No. - ADS8361IDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8361IDBQR TI-ADS8361IDBQR Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQR TI1-ADS8361IDBQR Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
ADS8361IDBQRG4 TI-ADS8361IDBQRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQRG4 TI1-ADS8361IDBQRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
More results

Similar Description - ADS8361IDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI1-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com