Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8361IDBQR Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8361IDBQR
Description  Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8361IDBQR Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS8361IDBQR Datasheet HTML 1Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 2Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 3Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 4Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 5Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 6Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 7Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 8Page - Burr-Brown (TI) ADS8361IDBQR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADS8361
4
SBOS230C
www.ti.com
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range at –40
°C to 85°C, AV
DD = 5V, VREF = internal +2.5V, fCLK = 10MHz, and fSAMPLE = 500 kSPS, unless otherwise
noted.
NOTES: (1) All Values are at TA = 25°C. (2) Applies for 5.0V nominal supply: BVDD (min) = 4.5V and BVDD (max) = 5.5V. (3) Applies for 3.0V nominal supply: BVDD
(min) = 2.7V and BVDD (max) = 3.6V. (4) No clock active (static).
ADS8361
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNITS
DIGITAL INPUTS(2)
Logic Family
CMOS
High-Level Input Voltage
(VIH)
0.7 • VDD
VDD + 0.3
V
Low-Level Input Voltage
(VIL)
–0.3
0.3 • VDD
V
Input Current
(IIN)VI = BVDD or BGND
±50
nA
Input Capacitance
(CI)5
pF
DIGITAL OUTPUTS(2)
Logic Family
CMOS
High-Level Output Voltage
(VOH)BVDD = 4.5V, IOH = –100µA
4.44
V
Low-Level Output Voltage
(VOL)BVDD = 4.5V, IOH = –100µA
0.5
V
High-Impedance-State Output Current (IOZ)
CS = BVDD, VI = BVDD or BGND
±50
nA
Output Capacitance
(CO)5
pF
Load Capacitance
(CL)
30
pF
Data Format
Binary Two’s Complement
pF
DIGITAL INPUTS(3)
Logic Family
LVCMOS
High-Level Input Voltage
(VIH)BVDD = 3.6V
2
VDD + 0.3
V
Low-Level Input Voltage
(VIL)BVDD = 2.7V
–0.3
0.8
V
Input Current
(IIN)VI = BVDD or BGND
±50
nA
Input Capacitance
(CI)5
pF
DIGITAL OUTPUTS(3)
Logic Family
LVCMOS
High-Level Output Voltage
(VOH)BVDD = 2.7V, IOH = –100µAVDD – 0.2
V
Low-Level Output Voltage
(VOL)BVDD = 2.7V, IOH = –100µA
0.2
V
High-Impedance-State Output Current (IOZ)
CS = BVDD, VI = BVDD or BGND
±50
nA
Output Capacitance
(CO)5
pF
Load Capacitance
(CL)
30
pF
Data Format
Binary Two’s Complement
pF
POWER SUPPLY
Analog Supply Voltage
(AVDD)
4.75
5.25
V
Digital Supply Voltage
(BVDD)
Low-Voltage Levels
2.7
3.6
V
5V Logic Levels
4.5
5.5
V
Analog Operating Supply Current
(AIDD)
35
mA
Digital Operating Supply Current
(BIDD)BVDD = 3V
1(4)
µA
BVDD = 5V
1(4)
µA
Power Dissipation
BVDD = 3V
150
200
mW
BVDD = 5V
150
200
mW


Similar Part No. - ADS8361IDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8361IDBQR TI-ADS8361IDBQR Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQR TI1-ADS8361IDBQR Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
ADS8361IDBQRG4 TI-ADS8361IDBQRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQRG4 TI1-ADS8361IDBQRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
More results

Similar Description - ADS8361IDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI1-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com