Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN30H14DLY-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN30H14DLY-13
Description  Low Gate Threshold Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN30H14DLY-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN30H14DLY-13 Datasheet HTML 1Page - Diodes Incorporated DMN30H14DLY-13 Datasheet HTML 2Page - Diodes Incorporated DMN30H14DLY-13 Datasheet HTML 3Page - Diodes Incorporated DMN30H14DLY-13 Datasheet HTML 4Page - Diodes Incorporated DMN30H14DLY-13 Datasheet HTML 5Page - Diodes Incorporated DMN30H14DLY-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN30H14DLY
Document number: DS36812 Rev. 2 - 2
2 of 6
www.diodes.com
March 2014
© Diodes Incorporated
DMN30H14DLY
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
300
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
0.21
0.16
A
Pulsed Drain Current (10μs pulse, duty cycle
≦1%)
IDM
1
A
Maximum Body Diode Continuous Current (Note 6)
IS
2
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation
(Note 5)
PD
0.9
W
(Note 6)
2.2
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
132
°C/W
(Note 6)
55
Thermal Resistance, Junction to Case
(Note 6)
RθJC
9.6
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
300
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 240V, VGS = 0V
Gate-Body Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1
3
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
6
14
Ω
VGS = 10V, ID = 0.3A
6
20
VGS = 4.5V, ID = 0.2A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 0.3A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
96
pF
VDS = 25V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
5.8
Reverse Transfer Capacitance
Crss
3.2
Gate Resistance
RG
12
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge
Qg
4
nC
VDS = 192V, VGS = 10V,
ID = 0.5A
Gate-Source Charge
Qgs
0.3
Gate-Drain Charge
Qgd
1.9
Turn-On Delay Time
tD(on)
3.3
nS
VDS = 60V, RL =200Ω
VGS = 10V, RG = 25Ω
Turn-On Rise Time
tr
8.6
Turn-Off Delay Time
tD(off)
22
Turn-Off Fall Time
tf
12
Reverse Recovery Time
trr
43
nS
VR = 100V, IF=1.0A, di/dt=100A/µs
Reverse Recovery Charge
Qrr
47
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate
7. Short duration pulse test used to minimize self-heating effect
8. Guaranteed by design. Not subject to production testing


Similar Part No. - DMN30H14DLY-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN30H14DLY DIODES-DMN30H14DLY_15 Datasheet
344Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN30H14DLY-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP25H18DLFDE DIODES-DMP25H18DLFDE Datasheet
247Kb / 7P
   Low Gate Threshold Voltage
DMN3016LFDE DIODES-DMN3016LFDE Datasheet
265Kb / 6P
   Low Gate Threshold Voltage
DMP31D0UFB4 DIODES-DMP31D0UFB4 Datasheet
478Kb / 7P
   Low Gate Threshold Voltage
DMN4020LFDE DIODES-DMN4020LFDE Datasheet
290Kb / 6P
   Low Gate Threshold Voltage
DMN1150UFL3 DIODES-DMN1150UFL3 Datasheet
661Kb / 7P
   Low Gate Threshold Voltage
DMN2011UFDE DIODES-DMN2011UFDE Datasheet
344Kb / 7P
   Low Gate Threshold Voltage
DMN24H11DS DIODES-DMN24H11DS Datasheet
395Kb / 6P
   Low Gate Threshold Voltage
DMN2022UFDF DIODES-DMN2022UFDF Datasheet
313Kb / 6P
   Low Gate Threshold Voltage
DMP31D0U DIODES-DMP31D0U Datasheet
514Kb / 7P
   Low Gate Threshold Voltage
DMN10H700S DIODES-DMN10H700S Datasheet
401Kb / 7P
   Low Gate Threshold Voltage
DMP2021UFDF DIODES-DMP2021UFDF Datasheet
295Kb / 7P
   Low Gate Threshold Voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com