Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN25D0UFA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN25D0UFA
Description  Qualified to AEC-Q101 Standards for High Reliability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN25D0UFA Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN25D0UFA Datasheet HTML 1Page - Diodes Incorporated DMN25D0UFA Datasheet HTML 2Page - Diodes Incorporated DMN25D0UFA Datasheet HTML 3Page - Diodes Incorporated DMN25D0UFA Datasheet HTML 4Page - Diodes Incorporated DMN25D0UFA Datasheet HTML 5Page - Diodes Incorporated DMN25D0UFA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN25D0UFA
Document number: DS36253 Rev. 1 - 2
2 of 6
www.diodes.com
February 2014
© Diodes Incorporated
DMN25D0UFA
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
25
V
Gate-Source Voltage
VGSS
8
Continuous Drain Current, VGS = 4.5V
(Note 6)
ID
0.32
A
TA = +70°C (Note 6)
0.25
(Note 5)
ID
0.24
A
Pulsed Drain Current
(Note 7)
IDM
1.2
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
0.63
W
(Note 5)
0.28
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
201
°C/W
(Note 5)
338
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
25
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.6
1.2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(on)
4
VGS = 4.5V, ID = 0.4A
5
VGS = 2.7V, ID = 0.2A
Forward Transfer Admittance
|Yfs|
1
-
S
VDS = 5V, ID = 0.4A
Diode Forward Voltage
VSD
0.76
1.2
V
VGS = 0V, IS = 0.29A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
27.9
pF
VDS = 10V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
6.1
pF
Reverse Transfer Capacitance
Crss
2
pF
Gate Resistance
Rg
26.4
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
0.36
nC
VDS = 5V, VGS = 4.5V,
ID = 0.2A
Gate-Source Charge
Qgs
0.06
nC
Gate-Drain Charge
Qgd
0.04
nC
Turn-On Delay Time
tD(on)
2.9
ns
VDS = 6V, VGS = 4.5V,
ID = 0.5A, RG = 50Ω
Turn-On Rise Time
tr
1.8
ns
Turn-Off Delay Time
tD(off)
6.6
ns
Turn-Off Fall Time
tf
2.3
ns
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
7 .Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMN25D0UFA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN25D0UFA DIODES-DMN25D0UFA_15 Datasheet
289Kb / 6P
   25V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN25D0UFA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1080UCB4 DIODES-DMP1080UCB4 Datasheet
428Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2008UFG DIODES-DMP2008UFG Datasheet
261Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
DMNH6012SPSQ DIODES-DMNH6012SPSQ Datasheet
654Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1100UCB4 DIODES-DMP1100UCB4 Datasheet
392Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2006UFG DIODES-DMP2006UFG Datasheet
434Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
BS107P DIODES-BS107P Datasheet
658Kb / 5P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7401SFG DIODES-DMG7401SFG Datasheet
269Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7408SFG DIODES-DMG7408SFG Datasheet
157Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com