Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1203 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1203
Description  PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1203 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1203 Datasheet HTML 3Page - ON Semiconductor NCP1203 Datasheet HTML 4Page - ON Semiconductor NCP1203 Datasheet HTML 5Page - ON Semiconductor NCP1203 Datasheet HTML 6Page - ON Semiconductor NCP1203 Datasheet HTML 7Page - ON Semiconductor NCP1203 Datasheet HTML 8Page - ON Semiconductor NCP1203 Datasheet HTML 9Page - ON Semiconductor NCP1203 Datasheet HTML 10Page - ON Semiconductor NCP1203 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NCP1203
http://onsemi.com
7
APPLICATION INFORMATION
Introduction
The NCP1203 implements a standard current mode
architecture where the switch−off time is dictated by the
peak current setpoint. This component represents the ideal
candidate where low part−count is the key parameter,
particularly in low−cost AC−DC adapters, auxiliary
supplies etc. Due to its high−performance SMARTMOS
High−Voltage technology, the NCP1203 incorporates all the
necessary components normally needed in UC384X based
supplies: timing components, feedback devices, low−pass
filter and startup device. This later point emphasizes the fact
that ON Semiconductor’s NCP1203 does not need an
external startup resistance but supplies the startup current
directly from the high−voltage rail. On the other hand, more
and more applications are requiring low no−load standby
power, e.g. for AC−DC adapters, VCRs etc. UC384X series
have a lot of difficulty to reduce the switching losses at low
power levels. NCP1203 elegantly solves this problem by
skipping unwanted switching cycles at a user−adjustable
power level. By ensuring that skip cycles take place at low
peak current, the device ensures quiet, noise free operation.
Finally, an auto−recovery output short−circuit protection
(OCP) prevents from any lethal thermal runaway in
overload conditions.
Startup Sequence
When the power supply is first powered from the mains
outlet, the internal current source (typically 6.0 mA) is
biased and charges up the VCC capacitor. When the voltage
on this VCC capacitor reaches the VCC(on) level (typically
12.8 V), the current source turns off and no longer wastes
any power. At this time, the VCC capacitor only supplies the
controller and the auxiliary supply is supposed to take over
before VCC collapses below VCC(min). Figure 13 shows the
internal arrangement of this structure:
Figure 13. The Current Source Brings VCC Above 12.8 V and then Turns Off
+
8
6
4
6 mA or 0
CVCC
Aux
HV
12.8 V/4.9 V
Once the power supply has started, the VCC shall be
constrained below 16 V, which is the maximum rating on
pin 6. Figure 14 portrays a typical startup sequence with a
VCC regulated at 12.5 V:
Figure 14. A Typical Startup Sequence for
the NCP1203
t, TIME (sec)
3.00 M
8.00 M
13.0 M
18.0 M
23.0 M
13.5
12.5
11.5
10.5
9.5
REGULATION
12.8 V


Similar Part No. - NCP1203

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1203 ONSEMI-NCP1203 Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
NCP1203 ONSEMI-NCP1203 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1203 ONSEMI-NCP1203 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1203D100R2 ONSEMI-NCP1203D100R2 Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
NCP1203D100R2G ONSEMI-NCP1203D100R2G Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
More results

Similar Description - NCP1203

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1203 ONSEMI-NCP1203_15 Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
NCP1203 ONSEMI-NCP1203_10 Datasheet
374Kb / 15P
   PWM Current--Mode Controller for Universal Off--Line Supplies Featuring Standby and Short Circuit Protection
December, 2010-- Rev. 10
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1203 ONSEMI-NCP1203_05 Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
NCP1201 ONSEMI-NCP1201 Datasheet
159Kb / 20P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power with Fault Protection Modes
October, 2004 ??Rev. 3
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com