Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1964B Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1964B
Description  Low EMI and RFI Generation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1964B Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1964B Datasheet HTML 1Page - IXYS Corporation CPC1964B Datasheet HTML 2Page - IXYS Corporation CPC1964B Datasheet HTML 3Page - IXYS Corporation CPC1964B Datasheet HTML 4Page - IXYS Corporation CPC1964B Datasheet HTML 5Page - IXYS Corporation CPC1964B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
CPC1964B
PERFORMANCE DATA* (@25ºC Unless Otherwise Noted)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.95
1.00
1.05
1.10
1.15
1.20
1.25
On-State Voltage vs. Temperature
I
L=1.5A
I
L=1A
I
L=0.5A
Load Voltage (V)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
Typical Load Current
vs. Load Voltage
(I
F=5mA)
@ 25ºC
@ 85ºC
@ -40ºC
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.50
0.75
1.00
1.25
1.50
1.75
Maximum Load Current
vs. Temperature
(I
L=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
850
900
950
1000
1050
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.001
0.01
0.1
1
10
Typical Leakage Current
vs. Temperature
V
L=800V
V
L=300V
Time (ms)
100 s
1ms
10ms 100ms
1s
10s
100s
0
5
10
15
20
Maximum Surge Current vs. Time


Similar Part No. - CPC1964B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1964BX6 IXYS-CPC1964BX6 Datasheet
117Kb / 6P
   Machine Insertable, Wave Solderable
More results

Similar Description - CPC1964B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1976 IXYS-CPC1976 Datasheet
116Kb / 6P
   Low EMI and RFI Generation
CPC1972 IXYS-CPC1972 Datasheet
114Kb / 7P
   Low EMI and RFI Generation
logo
Sangdest Microelectroni...
120NQ600-1 SMC-120NQ600-1 Datasheet
276Kb / 4P
   Reduced RFI and EMI
logo
Fairchild Semiconductor
42007 FAIRCHILD-42007 Datasheet
396Kb / 6P
   Safety, EMI and RFI Considerations
logo
Glenair, Inc.
440FS143XM08 GLENAIR-440FS143XM08 Datasheet
406Kb / 2P
   Composite Ultra Low Profile EMI/RFI
440HS144XM08 GLENAIR-440HS144XM08 Datasheet
396Kb / 2P
   Composite Ultra Low Profile EMI/RFI
logo
Microsemi Corporation
APT24M120L MICROSEMI-APT24M120L Datasheet
213Kb / 4P
   Fast switching with low EMI/RFI
logo
Glenair, Inc.
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
   EMI/RFI Backshell
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
   EMI/RFI Backshell
logo
California Micro Device...
PRC207 CALMIRCO-PRC207 Datasheet
30Kb / 2P
   CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com