Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1726 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1726
Description  Low Drive Power Requirements
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1726 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1726 Datasheet HTML 1Page - IXYS Corporation CPC1726 Datasheet HTML 2Page - IXYS Corporation CPC1726 Datasheet HTML 3Page - IXYS Corporation CPC1726 Datasheet HTML 4Page - IXYS Corporation CPC1726 Datasheet HTML 5Page - IXYS Corporation CPC1726 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1726-R04
1
CPC1726
Single-Pole, Normally Open
DC Power SIP Relay
Part #
Description
CPC1726Y
4-Pin (8-Pin Body) Power SIP Package (25 per tube)
Parameter
Rating
Units
Blocking Voltage
250
V
P
Load Current
1
A
DC
On-Resistance (max)
0.75
Applications
Features
Description
Ordering Information
Pin Configuration
Industrial Controls
Motor Control
Robotics
Medical Equipment—Patient/Equipment Isolation
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
IC Equipment
Home Appliances
Handle Load Currents Up to 1A
DC
2500V
rms Input/Output Isolation
Power SIP Package
High Reliability
Low Drive Power Requirements
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Flammability Rating UL 94 V-0
IXYS Integrated Circuits Division and IXYS have
combined to bring OptoMOS® technology, reliability
and compact size to a new family of high power solid
state relays. As part of that family, the CPC1726 is
a normally open (1-Form-A) solid state relay. The
CPC1726 employs optically coupled MOSFET
technology to provide 2500V
rms of input to output
isolation.
The optically coupled outputs, that use patented
OptoMOS architecture, are controlled by a highly
efficient infrared LED. The combination of low
on-resistance and high load current handling
capabilities makes the relay suitable for a variety of
high performance switching applications.
Switching Characteristics
of Normally Open Devices
Approvals
UL 508 Certified Component: File E69938
CSA Certified Component: Certificate 1172007
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - CPC1726

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1726 CLARE-CPC1726 Datasheet
104Kb / 5P
   DC Power SIP Relay
CPC1726 CLARE-CPC1726 Datasheet
117Kb / 6P
   DC Power SIP Relay
CPC1726Y CLARE-CPC1726Y Datasheet
104Kb / 5P
   DC Power SIP Relay
CPC1726Y CLARE-CPC1726Y Datasheet
117Kb / 6P
   DC Power SIP Relay
CPC1726 CLARE-CPC1726_10 Datasheet
117Kb / 6P
   DC Power SIP Relay
More results

Similar Description - CPC1726

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1979 IXYS-CPC1979 Datasheet
199Kb / 7P
   Low Drive Power Requirements
CPC1010N IXYS-CPC1010N Datasheet
129Kb / 5P
   Low Drive Power Requirements
CPC1967 IXYS-CPC1967 Datasheet
200Kb / 7P
   Low Drive Power Requirements
CPC1977 IXYS-CPC1977 Datasheet
200Kb / 7P
   Low Drive Power Requirements
CPC1978 IXYS-CPC1978 Datasheet
201Kb / 7P
   Low Drive Power Requirements
CPC1986 IXYS-CPC1986 Datasheet
199Kb / 7P
   Low Drive Power Requirements
CPC1988 IXYS-CPC1988 Datasheet
198Kb / 7P
   Low Drive Power Requirements
CPC1718 IXYS-CPC1718 Datasheet
199Kb / 7P
   Low Drive Power Requirements
CPC1709 IXYS-CPC1709 Datasheet
199Kb / 7P
   Low Drive Power Requirements
CPC1708 IXYS-CPC1708 Datasheet
201Kb / 7P
   Low Drive Power Requirements
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com