Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN5602 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FAN5602
Description  Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FAN5602 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PRODUCT SPECIFICATION
FAN5602
REV. 1.1 10/7/04
5
Typical Performance Characteristics
TA = 25°C, VOUT = 4.5V unless otherwise noted.
150
100
150
200
250
300
350
4.0
4.2
4.1
4.3
4.4
4.5
4.6
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
4.30
4.35
4.40
4.45
4.50
4.55
0
10
20
30
40
50
60
70
80
12
34
56
Quiescent Current vs Input Voltage
Input Voltage (V)
Input Voltage (V)
Input Voltage
Load Currrent (mA)
Input Voltage (V)
Input Voltage (V)
Shutdown Current vs Input Voltage
Line Regulation
Efficiency vs Input Voltage
Load Regulation
Output Current Capability vs Input Voltage
0.0
100.0
200.0
300.0
400.0
500.0
600.0
700.0
2
2.5
3
3.5
4
4.5
5
∆VOUT < 10%
∆VOUT < 3%
20
30
40
50
60
70
80
90
100
2.500
3.500
3.000
4.500
5.500
4.000
5.000
Load Current = 10mA
Load Current = 50mA
Load Current = 100mA
Load Current = 150mA
0
20
40
60
80
100
120
140
160
180
1.5
2.5
3.5
4.5
5.5
ILOAD = 100mA
Vout = 4.5V
Vin = 3.6V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn