Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-541.2PA Datasheet(PDF) 3 Page - Recom International Power

Part # R-541.2PA
Description  2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-541.2PA Datasheet(HTML) 3 Page - Recom International Power

  R-541.2PA Datasheet HTML 1Page - Recom International Power R-541.2PA Datasheet HTML 2Page - Recom International Power R-541.2PA Datasheet HTML 3Page - Recom International Power R-541.2PA Datasheet HTML 4Page - Recom International Power R-541.2PA Datasheet HTML 5Page - Recom International Power R-541.2PA Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
R-5xxxPA_DA
Series
Standard Application Circuit
INNOLINE
DC/DC-Converter
Vout
Com
Vin
TTL
Com
2, 3, 4
9, 10
R-52XX
R-53XX
R-54XX
R-55XX
R1
(Adjust down)
R2
(Adjust up)
12
5, 6, 7,8
1µF
(Optional)
1
C1
OFF
ON
Q1
C2 (Required)
100µF,
ESR= 150mW max.)
(see Note 1)
11
Com
ON/OFF
Control
Q1
C1
100µF/25V
(REQ`D)
Vin
1
C2-1
100µF/10V
(REQ`D)
C2-2
100µF/10V
(REQ`D)
Com
Vout
must be connected
together
2
3
4 5
6
7
8 9
10
11
12
1
2
3
4 5
6
7
8 9
10
11
12
U2
U1
1
12
1
12
U1
U2
Keep 2mm to 5mm distance
between both converters
Component side
1
U1
U2
To Load
C1
1
12
12
C2-1
C2-2
Solder side
Parallel Application Circuit
The R-52xx, R-53xx, R-54xx series can be used in parallel to upgrade the output current capacity for the
same output voltage.
For example, the R-543.3PA can parallel up with another R-554.3PA to give up to 8 amps or with the
R-533.3PA or R-523.3PA types to give output currents of up to 7 Amps or 6 Amps.
The R-55xx series cannot be paralleled.
Add a blocking diode to
Vout if current can flow
backwards into the out-
put, as this can damage
the converter..
www.recom-power.com
I-47
REV: 1/2016


Similar Part No. - R-541.2PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-541.2PA RECOM-R-541.2PA Datasheet
110Kb / 6P
   INNOLINE DC/DC-Converter
R-541.2PA RECOM-R-541.2PA Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-541.2PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
logo
PEAK electronics GmbH
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
   PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
logo
New Jersey Semi-Conduct...
UT2005 NJSEMI-UT2005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
[Old version datasheet]   3-Amp, 5-Volt Positive Regulator
logo
Linear Technology
LT123A LINER-LT123A Datasheet
456Kb / 7P
   5 Volt, 3 Amp Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com