Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-78HB12-0.5 Datasheet(PDF) 4 Page - Recom International Power

Part # R-78HB12-0.5
Description  0.5 AMP SIP3 Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78HB12-0.5 Datasheet(HTML) 4 Page - Recom International Power

  R-78HB12-0.5 Datasheet HTML 1Page - Recom International Power R-78HB12-0.5 Datasheet HTML 2Page - Recom International Power R-78HB12-0.5 Datasheet HTML 3Page - Recom International Power R-78HB12-0.5 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2.54
2.54
Top View
Bottom View
8.50
2.0
0.25
5.08
3.21
2
13
4.10
0.51 typ.
0.7 ±1.0
17.5
RECOM
R-78HB5.0-0.5
****
Pb
1.00ø+0.15/–0
11.50
RECOM
R-78HB5.0-0.5
****
Pb
8.50
4.10
1.50 max
Front View
Front View
INNOLINE
DC/DC-Converter
Package Style and Pinning (mm)
SIP3 PIN Package
+Batt
-Batt
R-78HB12-0.5
+5V@850mA
0V Com
10uF
- +5V high current output for digital electronics
- Wide input range 18V to 72V - can be used with 24V, 48V or 60V batteries
+12V@100mA
- +12V output for interface and display electronics
R-785.0-1.0
Cstorage,
Brown Out
Protection
Reverse Polarity
Protection
- Further decoupling filtering may be necessary between the converters
R-78HBxx-0.5
(L) Series
High Input Voltage Multiple Output Supply
Pin Connections
Pin #
1
+Vin
2
GND
3
+Vout
xx.x ±0.5mm
xx.xx ±0.25mm
Recommended Footprint Details
L - Version
Typical Application
Add a blocking diode to Vout if
current can flow backwards into
the output, as this can damage
the converter when it is powered
down.
The diode can either be fitted
across the device if the source is
low impedance or fitted in series
with the output (recommended).
Optional Protection Circuit
Optional Protection 1:
Optional Protection 2:
R-78xx-xx
-Vout
+Vout
+Vin
-Vin
R-78xx-xx
-Vout
Vout=
+Vout -
0.3V
+Vin
-Vin
Schottky Diode
I-32
www.recom-power.com
REV: 0/2015
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.


Similar Part No. - R-78HB12-0.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78HB12-0.5 RECOM-R-78HB12-0.5 Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
R-78HB12-0.5/W RECOM-R-78HB12-0.5/W Datasheet
470Kb / 4P
   0.5 AMP SIP3 Wired Single Output
R-78HB12-0.5L RECOM-R-78HB12-0.5L Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
More results

Similar Description - R-78HB12-0.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5_07 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
   0.5 AMP SIP3 Single Output
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
   0.5 AMP SIP3 Wired Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com