Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R0.5Z-505P Datasheet(PDF) 1 Page - Recom International Power

Part # R0.5Z-505P
Description  0.5 Watt SMD Isolated Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.5Z-505P Datasheet(HTML) 1 Page - Recom International Power

  R0.5Z-505P Datasheet HTML 1Page - Recom International Power R0.5Z-505P Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
EN-60950-1 Certified
EN-60601-1 Certified*
UL-60950-1 Certified
(*/H suffix)
Refer to Application Notes
R0.5Z
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Specifications (Core Operating Area)
Input Voltage Range
±5%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1% max.
Load Voltage Regulation (10% to 100% full load)
1% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 90kHz max.
Efficiency at Full Load
50% min. / 60% typ.
Minimum Load
10% (2)
No Load Power Consumption
127mW min. / 155mW typ. / 320mW max.
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute**)
500VAC / 60Hz
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC
H-Suffix
(rated for 1 minute**)
1000VAC / 60Hz
Isolation Capacitance
25pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (natural convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec) max.
Vapor Phase Process
230°C (90 sec) max.
(for more details see Application Notes)
Relative Humidity
95% RH
Package Weight
1.2g
Packing Quantity
33 pcs per tube
500 pcs per Reel'
MTBF (+25°C)
using MIL-HDBK 217F
3947 x 103 hours
(+85°C)
using MIL-HDBK 217F
841 x 103 hours
continued on next page
0.5 Watt SMD
Isolated
Single Output
Derating-Graph
(Ambient Temperature)
1kVDC or 2kVDC Isolation
SMD Package Styles
Single Regulated Output
(Internal Linear Regulator)
UL94V-0 Package Material
Optional Continuous Short Circuit Protected
Fully Encapsulated
Efficiency to 62 %
Built-In EN55022 Class A Filter
Features
Regulated
Converter
100
60
20
40
100
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
85
}DetailedInformationsee
Application Notes chapter "MTBF"
Description
The R0.5Z series DC/DC converter has been designed for isolating or converting DC power rails
where board space is at a premium. Although no larger than a standard unregulated SMD
converter, the R0.5Z series also incorporates an internal linear regulator to deliver a stable
output voltage which makes it ideal for powering logic level or supply voltage sensitive circuitry.
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
Capacitive
SMD
(VDC)
(VDC)
(mA)
(%)
Load(1)
R0.5Z-xx05*
5, 12, 15, 24
5
100
50
1000µF
R0.5Z-xx12*
5, 12, 15, 24
12
42
60
220µF
R0.5Z-xx15*
5, 12, 15, 24
15
33
62
220µF
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
R0.5Z-0505/P
* add Suffix „H“ for 2kVDC Isolation Voltage, e.g. R0.5Z-0505/H
* add suffix -R for tape & reel packing e.g.
R0.5Z-0505-R, R0.5Z.0505/P-R
For more details and dimensions of the tapes and reels see Application Notes
E358085
RoHS
2011/65/EU
6/6
**Any data referred to in this datasheet are of indicative nature and
based on our practical experience only. For further details, please
refer to our Application Notes.
REV: 0/2015
E-117
www.recom-power.com


Similar Part No. - R0.5Z-505P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R0.5ZX RECOM-R0.5ZX Datasheet
388Kb / 5P
   0.5 Watt SMD Single Output
R0.5ZX-0505 RECOM-R0.5ZX-0505 Datasheet
388Kb / 5P
   0.5 Watt SMD Single Output
More results

Similar Description - R0.5Z-505P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RZ-0505S RECOM-RZ-0505S_06 Datasheet
81Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ RECOM-RZ_10 Datasheet
95Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5S-3.305 RECOM-R0.5S-3.305 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
R0.5ZX RECOM-R0.5ZX Datasheet
388Kb / 5P
   0.5 Watt SMD Single Output
R1SE RECOM-R1SE_15 Datasheet
99Kb / 2P
   1 Watt SMD Isolated Single Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
R1Z RECOM-R1Z Datasheet
88Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ-3.303 RECOM-RSZ-3.303 Datasheet
89Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ RECOM-RSZ_10 Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com