Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

288XB32S162A1 Datasheet(PDF) 4 Page - CTS Corporation

Part # 288XB32S162A1
Description  Commercial Miniature 16mm Size Rotary Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

288XB32S162A1 Datasheet(HTML) 4 Page - CTS Corporation

  288XB32S162A1 Datasheet HTML 1Page - CTS Corporation 288XB32S162A1 Datasheet HTML 2Page - CTS Corporation 288XB32S162A1 Datasheet HTML 3Page - CTS Corporation 288XB32S162A1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
4/27/15
CTS Electrocomponents
www.ctscorp.com
Please consult CTS for customized or features not listed.
© 2015 CTS Corporation. All rights reserved. Information subject to change.
TERMINAL STYLE
T – SOLDER LUG
X – PC
**V – PC FORMED
TO REAR
Not available in
**Not available with
4 bit code
switch construction.
*
*
"A" BUSHING LENGTH
mm
inch
A=5.0mm
2=.250"
B=6.35mm
3=.375"
C=7.0mm
8=1.000"
D=9.53mm
ALL
ALL
M8X.75P
3/8-32 UNEF-2A
"L" SHAFT LENGTH
mm
inch
A0=10mm
20=.625"
A5=15mm
24=.750"
B0=20mm
28=.875"
B5=25mm
32=1.000"
C0=30mm
C5=35mm
SHAFT TRIM
R – ROUND
F – FLATTED
K – KNURLED & SLOTTED
S
DETENT
1 – NONE
2 – 16 DETENTS
SWITCH
A – NONE
B – MOMENTARY
SWITCH
ENCODER CODE
1 – 2 BIT BINARY
2 – 4 BIT GRAY
3 – 4 BIT HEXADECIMAL
COMBINATION (RESOLUTION)
16 - 16 COM (4 PULSES - 2 bit)
24 - 24 COM (6 PULSES)
32 - 32 COM (8 PULSES)
40 - 40 COM (10 PULSES)
48 - 48 COM (12 PULSES)
Ordering Information
T
B
288
24
F
40
2
A
1
ALL
ALL
6.0mm Dia.
.250" Dia.
– SLOTTED
*
*
* 16 COMBINATION ONLY
*
2 BIT MODELS ONLY
*
Shaft Trim
DIMENSION:
inch
mm
F - FLATTED
R - ROUND
K - KNURLED & SLOTTED
S - SLOTTED
“Y”
“Z”
“X”
“Y”
“X”
“Y”
W
X
Y
Z
Imperial Shaft
Metric Shaft
“Z”
.344”
7.0
24 TEETH
18 TEETH
.062”
1.57
X
Imperial Shaft
Metric Shaft
.250”
6.00
X
Y
Imperial Shaft
Metric Shaft
.250”
6.00
.156”
4.50
“X”
Z
.375”
7.00
“Z”
“X”
X
Y
Imperial Shaft
Metric Shaft
.250”
6.00
.046”
1.17
Z
.062”
1.57
“W”
.236”
6.00
- 16 COM (1 PULSE - 4 bit)


Similar Part No. - 288XB32S162A1

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
288 GILWAY-288 Datasheet
59Kb / 1P
   Subminiature Krypton Lams with Lens(Clear)-End
logo
CTS Corporation
288 CTS-288 Datasheet
523Kb / 4P
   16 mm Rotary Encoders
logo
WAGO Kontakttechnik Gmb...
288-304 WAGO-288-304 Datasheet
372Kb / 6P
   Relay module; Nominal input voltage: 24 VDC; 1 changeover contact
288-312 WAGO-288-312 Datasheet
261Kb / 6P
   Relay module; Nominal input voltage: 24 VDC
288-320 WAGO-288-320 Datasheet
289Kb / 6P
   Relay module; Nominal input voltage: 24 VDC; 1 make contact
More results

Similar Description - 288XB32S162A1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP16 MACOM-DP16 Datasheet
161Kb / 2P
   16mm Rotary Encoder
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
282T33L502A25A2 CTS-282T33L502A25A2 Datasheet
525Kb / 4P
   Industrial 16mm Size Conductive Plastic Precision Rotary Sensor
282TAAR103A25B1 CTS-282TAAR103A25B1 Datasheet
574Kb / 4P
   Industrial 16mm size Conductive Plastic Precision Rotary Sensor
logo
MultiDimension Technolo...
TMR3IH17 MULTIDIMENSION-TMR3IH17 Datasheet
721Kb / 4P
   Φ17 mm Compact Size Rotary Encoder
logo
CTS Corporation
284TAAR103A24B1 CTS-284TAAR103A24B1 Datasheet
908Kb / 2P
   Industrial 16mm size slim Conductive Plastic Precision Rotary Sensor
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
   Rotary Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com