Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215759471E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL215759471E3
Description  Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215759471E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL215759471E3 Datasheet HTML 1Page - Vishay Siliconix MAL215759471E3 Datasheet HTML 2Page - Vishay Siliconix MAL215759471E3 Datasheet HTML 3Page - Vishay Siliconix MAL215759471E3 Datasheet HTML 4Page - Vishay Siliconix MAL215759471E3 Datasheet HTML 5Page - Vishay Siliconix MAL215759471E3 Datasheet HTML 6Page - Vishay Siliconix MAL215759471E3 Datasheet HTML 7Page - Vishay Siliconix MAL215759471E3 Datasheet HTML 8Page - Vishay Siliconix MAL215759471E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
157 PUM-SI
www.vishay.com
Vishay BCcomponents
Revision: 20-May-15
2
Document Number: 28338
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
120
-
-
22 x 30
22 x 40
22 x 40
-
-
-
25 x 30
25 x 35
-
-
-
30 x 25
-
150
-
-
22 x 35
25 x 35
25 x 40
-
-
25 x 30
25 x 40
30 x 30
-
-
-
30 x 30
-
180
-
-
22 x 40
25 x 40
25 x 45
-
-
25 x 35
30 x 35
30 x 35
-
-
-
35 x 25
-
220
-
22 x 30
25 x 40
25 x 50
30 x 40
-
-
30 x 30
30 x 40
35 x 30
-
-
35 x 25
35 x 30
-
270
22 x 25
22 x 30
25 x 45
30 x 45
30 x 45
-
25 x 25
30 x 35
35 x 35
35 x 35
-
-
35 x 30
-
-
330
22 x 30
22 x 35
30 x 40
30 x 50
30 x 50
-
25 x 30
35 x 30
35 x 40
35 x 40
390
22 x 30
22 x 40
30 x 45
35 x 45
35 x 45
-
30 x 25
35 x 35
-
-
470
22 x 35
25 x 35
30 x 50
35 x 50
35 x 50
25 x 30
30 x 30
35 x 40
-
-
560
22 x 40
25 x 40
35 x 45
-
35 x 60
25 x 35
30 x 30
-
-
-
30 x 25
35 x 25
-
-
-
680
25 x 40
25 x 45
35 x 50
35 x 60
-
30 x 30
30 x 35
-
-
-
35 x 25
35 x 30
-
-
-
820
25 x 45
30 x 40
35 x 60
-
-
30 x 35
35 x 35
-
-
-
35 x 30
-
-
-
-
1000
30 x 40
30 x 45
-
-
-
35 x 30
35 x 40
-
-
-
1200
30 x 45
35 x 45
-
-
-
35 x 35
-
-
-
-
1500
30 x 50
35 x 50
-
-
-
35 x 40
-
-
-
-
1800
35 x 45
-
-
-
-
2200
35 x 50
-
-
-
-
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
200
250
400
450
500


Similar Part No. - MAL215759471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215752102E3 VISHAY-MAL215752102E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
MAL215752152E3 VISHAY-MAL215752152E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
MAL215752222E3 VISHAY-MAL215752222E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
MAL215752271E3 VISHAY-MAL215752271E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
MAL215752331E3 VISHAY-MAL215752331E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
More results

Similar Description - MAL215759471E3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com