Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215759221E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL215759221E3
Description  Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215759221E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL215759221E3 Datasheet HTML 1Page - Vishay Siliconix MAL215759221E3 Datasheet HTML 2Page - Vishay Siliconix MAL215759221E3 Datasheet HTML 3Page - Vishay Siliconix MAL215759221E3 Datasheet HTML 4Page - Vishay Siliconix MAL215759221E3 Datasheet HTML 5Page - Vishay Siliconix MAL215759221E3 Datasheet HTML 6Page - Vishay Siliconix MAL215759221E3 Datasheet HTML 7Page - Vishay Siliconix MAL215759221E3 Datasheet HTML 8Page - Vishay Siliconix MAL215759221E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
157 PUM-SI
www.vishay.com
Vishay BCcomponents
Revision: 20-May-15
1
Document Number: 28338
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors
Power Ultra Miniature Snap-In
Fig. 1
FEATURES
• Up to 500 V
• Useful life: 5000 h at 85 °C
• Polarized
aluminum
electrolytic
capacitors,
non-solid electrolyte
• Large types, very small dimensions, cylindrical aluminum
case, insulated with a blue sleeve
• Keyed polarity version available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• General purpose, industrial and audio/video systems
• Smoothing and filtering
• Standard and switched mode power supplies
• Energy storage in pulse systems
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code (YYMM or in 2 digits according to IEC 60062)
• Name of manufacturer
• Code for factory of origin
• “-” sign to identify the negative terminal, visible from the
top and side of the capacitor
• Code number, last 8 digits 157 xxxxx
• Climatic category in accordance with IEC 60068
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(Ø D x L in mm)
22 x 25 to 35 x 60
Rated capacitance range
(E6/E12 series), CR
56 μF to 2200 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
200 V, 250 V,
400 V, 450 V
500 V
Category temperature range
-25 °C to +85 °C
Endurance test at 85 °C
3000 h
Load life at 85 °C
3000 h
Useful life at 85 °C
5000 h
Useful life at 40 °C,
1.4 x IR applied
90 000 h
Shelf life at 0 V, 85 °C
1000 h
Max. RMS value of ripple voltage
12 V
n/a
Based on sectional specification
IEC 60384-4 / EN130300
Climatic category IEC 60038
25/085/56
157
PUM-SI
057
PSM-SI
159
PUL-SI
105
°C
smaller
dimensions
198
PHR-SI
longer life
higher ripple
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
200
250
400
450
500
47
--
--
22 x 25
56
-
-
-
22 x 25
-
68
-
-
22 x 25
22 x 30
22 x 30
--
--
25 x 25
82
-
-
22 x 25
22 x 30
-
-
-
-
25 x 25
-
100
-
-
22 x 30
22 x 35
22 x 35
-
-
-
25 x 30
25 x 30
--
--
30 x 25


Similar Part No. - MAL215759221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215752102E3 VISHAY-MAL215752102E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
MAL215752152E3 VISHAY-MAL215752152E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
MAL215752222E3 VISHAY-MAL215752222E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
MAL215752271E3 VISHAY-MAL215752271E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
MAL215752331E3 VISHAY-MAL215752331E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
More results

Similar Description - MAL215759221E3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com