Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB56SW3272ESK-5 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HB56SW3272ESK-5
Description  256MB Buffered EDO DRAM DIMM 32-Mword x 72-bit, 4k Refresh, 2 Bank Module(36 pcs of 16M x 4 components)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB56SW3272ESK-5 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HB56SW3272ESK-5 Datasheet HTML 5Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 6Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 7Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 8Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 9Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 10Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 11Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 12Page - Hitachi Semiconductor HB56SW3272ESK-5 Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
HB56SW3272ESK-5/6
9
AC Characteristics (Ta = 0 to +70
°C, V
CC = 3.3 V ±0.3 V, VSS = 0 V) *
1, *2, *19
Test Conditions
• Input rise and fall time: 2 ns
• Input levels: V
IL = 0 V, VIH = 3 V
• Input timing reference levels: 0.8 V, 2.0 V
• Output timing reference levels: 0.8 V, 2.0 V
• Output load: 1 TTL gate + C
L (100 pF) (Including scope and jig)
• Ambient illuminance: Under 100 lx
Read, Write, Read-Modify-Write and Refresh Cycles (Common parameters)
50 ns
60 ns
Parameter
Symbol Min
Max
Min
Max
Unit
Notes
Random read or write cycle time
t
RC
84
104
ns
RAS precharge time
t
RP
30
40
ns
CAS precharge time
t
CP
8
10
ns
RAS pulse width
t
RAS
50
10000
60
10000
ns
CAS pulse width
t
CAS
8
10000
10
10000
ns
Row address setup time
t
ASR
5—
5—
ns
Row address hold time
t
RAH
8
10
ns
Column address setup time
t
ASC
0—
0—
ns
Column address hold time
t
CAH
8
10
ns
RAS to CAS delay time
t
RCD
12
32
14
40
ns
3
RAS to column address delay time
t
RAD
10
20
12
25
ns
4
RAS hold time
t
RSH
18
20
ns
CAS hold time
t
CSH
35
40
ns
CAS to RAS precharge time
t
CRP
10
10
ns
OE to Din delay time
t
OED
18
20
ns
5
OE delay time from Din
t
DZO
0—
0—
ns
6
CAS delay time from Din
t
DZC
0—
0—
ns
6
Transition time (rise and fall)
t
T
2
50
2
50
ns
7


Similar Part No. - HB56SW3272ESK-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB56UW1673E-5F ELPIDA-HB56UW1673E-5F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW1673E-6F ELPIDA-HB56UW1673E-6F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW1673E-F ELPIDA-HB56UW1673E-F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW3272ETK-5F ELPIDA-HB56UW3272ETK-5F Datasheet
222Kb / 27P
   256MB Buffered EDO DRAM DIMM 32-Mword 횞 72-bit, 4k Refresh, 2 Bank Module (36 pcs of 16M 횞 4 components)
HB56UW3272ETK-6F ELPIDA-HB56UW3272ETK-6F Datasheet
222Kb / 27P
   256MB Buffered EDO DRAM DIMM 32-Mword 횞 72-bit, 4k Refresh, 2 Bank Module (36 pcs of 16M 횞 4 components)
More results

Similar Description - HB56SW3272ESK-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB56UW3272ETK-F ELPIDA-HB56UW3272ETK-F Datasheet
222Kb / 27P
   256MB Buffered EDO DRAM DIMM 32-Mword 횞 72-bit, 4k Refresh, 2 Bank Module (36 pcs of 16M 횞 4 components)
HB56UW1673E-F ELPIDA-HB56UW1673E-F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HB56UW873E-F ELPIDA-HB56UW873E-F Datasheet
214Kb / 27P
   64MB Buffered EDO DRAM DIMM 8-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (9 pcs of 8M 횞 8 components)
logo
Hitachi Semiconductor
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Siemens Semiconductor G...
HYM72V1625GS-50- SIEMENS-HYM72V1625GS-50- Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
logo
Hitachi Semiconductor
HM5116100 HITACHI-HM5116100 Datasheet
217Kb / 24P
   16M FP DRAM (16-Mword x 1-bit) 4k Refresh
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
logo
Siemens Semiconductor G...
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com