Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1690 Datasheet(PDF) 1 Page - Rohm

Part # 2SB1690
Description  General purpose amplification(-12V, -2A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1690 Datasheet(HTML) 1 Page - Rohm

  2SB1690 Datasheet HTML 1Page - Rohm 2SB1690 Datasheet HTML 2Page - Rohm 2SB1690 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SB1690
Transistors
1/2
General purpose amplification(
−12V, −2A)
2SB1690
!
!
!
!
Applications
!
!
!
!
External dimensions (Unit : mm)
Low frequency amplifier
Deiver
!
!
!
!
Features
1) A collector current is large.
2) Collector saturation voltage is low.
VCE(sat)
≤ −180mV
at IC=
−1A / IB= −50mA
!
Packaging specifications
TL
3000
Type
Package
Code
Taping
Basic ordering
unit (pieces)
2SB1690
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
−15
V
V
V
A
mW
°C
°C
−12
−6
−2
A
−4
500
150
−55 to +150
Symbol
Limits
Unit
∗ Single pulse Pw=1ms
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
ICP
!
!
!
!
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
Cob
Min.
−15
−12
−6
270
−120
15
−100
−100
680
−180
V
IC
=−10µA
IC
=−1mA
IE
=−10µA
VCB
=−15V
VEB
=−6V
VCE
=−2V, IC=−200mA
IC
=−1mA, IB=−50mA
VCB
=−10V, IE=0mA, f=1MHz
V
V
nA
mV
nA
fT
360
VCE
=−2V, IE=200mA, f=100MHz
MHz
pF
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown viltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collerctor-emitter saturation voltage
Transition frequency
Output capacitance
Pulsed
ROHM : TSMT3
(1) Base
(2) Emitter
(3) Collector
0.7
0.16
0~0.1
0.85
(2)
(1)
0.4
(3)
2.9
1.9
0.95 0.95
1.0MAX
Each lead has
same dimensions
Abbreviated symbol : FV


Similar Part No. - 2SB1690

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1690 ROHM-2SB1690 Datasheet
75Kb / 3P
   General purpose amplification(−12V, −2A)
2SB1690 ROHM-2SB1690 Datasheet
63Kb / 3P
   General purpose amplification(??2V, ??A)
2SB1690K ROHM-2SB1690K Datasheet
68Kb / 3P
   General purpose amplification (-12V, -2A)
2SB1690 ROHM-2SB1690_05 Datasheet
63Kb / 3P
   General purpose amplification(??2V, ??A)
2SB1690 ROHM-2SB1690_1 Datasheet
75Kb / 3P
   General purpose amplification(−12V, −2A)
More results

Similar Description - 2SB1690

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1690K ROHM-2SB1690K Datasheet
68Kb / 3P
   General purpose amplification (-12V, -2A)
2SB1730 ROHM-2SB1730 Datasheet
68Kb / 3P
   General purpose amplification(-12V, -2A)
QSX7 ROHM-QSX7 Datasheet
69Kb / 3P
   General purpose amplification (12V, 1.5A)
2SB1689 ROHM-2SB1689 Datasheet
75Kb / 3P
   General purpose amplification (-12V, -1.5A)
2SD2702 ROHM-2SD2702 Datasheet
68Kb / 3P
   General purpose amplification (12V, 1.5A)
US6X7 ROHM-US6X7_1 Datasheet
75Kb / 3P
   General purpose amplification (12V, 1.5A)
US6X7 ROHM-US6X7 Datasheet
68Kb / 3P
   General purpose amplification (12V, 1.5A)
2SD2702 ROHM-2SD2702_1 Datasheet
75Kb / 3P
   General purpose amplification (12V, 1.5A)
QST2TR ROHM-QST2TR Datasheet
60Kb / 3P
   General purpose amplification (-12V, -3A)
2SD2674 ROHM-2SD2674 Datasheet
70Kb / 3P
   General purpose amplification (12V, 1.5A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com