Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS35 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part No. RS35
Description  35W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASTRODYNE [Astrodyne Corporation]
Homepage  http://www.astrodyne.com
Logo 

RS35 Datasheet(HTML) 1 Page - Astrodyne Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
35W Single Output Switching Power Supply
RS35 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
LED indicator for power on
All using 105°C long life electrolytic capacitors
High efficiency, long life and high reliability
Model Number Output Volts Output Amps
Ripple & Noise
Min Load DC Volt Adjust Load Reg Volt Tolerance
SINGLE OUTPUT
RS35-3.3
3.3 Volts(DC)
7 Amps
80mV pk-pk
0~7Amps
2.9~3.6Volt(DC)
±2.0%
±3.0%
RS35-5
5 Volts(DC)
7 Amps
80mV pk-pk
0~7Amps
4.5~5.5Volt(DC)
±1.0%
±2.0%
RS35-12
12 Volts(DC)
3.0 Amps
120mV pk-pk
0~3Amps
10.8~13.2Volt(DC
±0.5%
±1.0%
RS35-15
15 Volts(DC)
2.4 Amps
120mV pk-pk
0~2.4Amps
13.5~16.5Volt(DC)
±0.5%
±1.0%
RS35-24
24 Volts(DC)
1.5 Amps
120mV pk-pk
0~1.5Amps
22~27.6Volt(DC)
±0.5%
±1.0%
RS35-48
48 Volts(DC)
0.8 Amps
200mV pk-pk
0~0.8Amps
42~54Volt(DC)
±0.5%
±1.0%


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn