Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSP600-13.5 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # PSP600-13.5
Description  600W with PFC and Parallel Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PSP600-13.5 Datasheet(HTML) 2 Page - Astrodyne Corporation

  PSP600-13.5 Datasheet HTML 1Page - Astrodyne Corporation PSP600-13.5 Datasheet HTML 2Page - Astrodyne Corporation PSP600-13.5 Datasheet HTML 3Page - Astrodyne Corporation PSP600-13.5 Datasheet HTML 4Page - Astrodyne Corporation PSP600-13.5 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
600W with PFC and Parallel Function
PSP600 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range (Note 3)
90 ~ 264VAC 124~370 Volts(DC)
Frequency Range
47-63Hz
Inrush Current, typ: (cold start)
20Amps/115VAC; 40Amps/230VAC
Input Current
6.8 Amps@115VAC
3.4 Amps@230VAC
Leakage current
< 1.3mAmps / 240VAC
Min Load
See Selection Chart
Power Factor (typ.) @ FL
0.95/230VAC; 0.99/100VAC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
±0.5%
Load Regulation
See Selection Chart
Voltage Tolerance (Note 2)
±2.0%: 5Volts(DC)
±1.0%: 12~48Volts(DC)
Ripple/Noise (Note 1)
180mVpk-pk: 5Volts(DC)
240mVpk-pk: 12~27Volts(DC)
300mVpk-pk: 48Volts(DC)
Hold Up Time @ FL
20mS
Setup, Rise Time @ FL
1500mS, 50mS
Over Voltage Protection
See Selection Chart
Shutdown o/p voltage, re-power
Over Current Protection
105~135% rated output power
Constant Current limiting, auto-recov
Over Temperature Protection
+5Volts(DC): 95°C(TSW1) detect on heatsink of power
transitor; 95°C(TSW51) detect on heatsink of power diode
+12~48Volts(DC): 85°C(TSW1) detect on heatsink of power
transitor; 80°C(TSW51) detect on heatsink of power diode
shutdown o/p voltage, re-power after cool down
DC Voltage Adjust
See Selection Chart
GENERAL SPECIFICATIONS
Safety
UL60950-1,
TUV EN60950-1 Approved
Insulation Resistance
≥100MΩ/500Volts(DC)/25°C/70%RH
EMI
Compliance to EN55022B(CISPR22B)
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
See Selection Chart
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground
EMS
Compliance to
EN61000-4-2,3,4,5,6,8,11
ENV50204,
light Industry Level, Criteria A
Remote Control
RC+/RC-: Short=Power ON
Open=Power Off
Pok Signal
PSU turn on: 3.3~5.6Volts(DC)
PSU turn off: 0~1Volts(DC)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20°C to +60°C (See Derate Curve)
Storage Temperature
-40°C to +85°C, 10~95% RH
Relative Humidity
20~90% RH, non cond
Temperature Coefficient
±0.03% / °C (0-50°C)
MTBF
116.4KHrs min,MIL-HDBK-217F(25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
170 x 120 x 93 mm (6.69”x 4.72”x 3.66”)
Weight
67.02 oz (1900g)
NOTE
1. Ripple & noise are measured at 20MHz of bandwidth by using a 12”
twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
2. Tolerance : includes set up tolerance, line regulation and load regula-
tion.
3. Derating may be needed under low input voltages. Please check the
derating curve for more details.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - PSP600-13.5

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSP POWERBOX-PSP Datasheet
48Kb / 1P
   2 0 0 WAT T P R O G R A M A B L E S W I T C H I N G
logo
Bourns Electronic Solut...
PSP BOURNS-PSP Datasheet
464Kb / 2P
   Motorized Master Slide Potentiometer
logo
Total Power Internation...
PSP-1000 TOTAL-POWER-PSP-1000 Datasheet
361Kb / 2P
   1000W Single Output with PFC Function
logo
Astrodyne Corporation
PSP-1000 ASTRODYNE-PSP-1000 Datasheet
438Kb / 2P
   1000W Single Output with PFC Function
logo
Mean Well Enterprises C...
PSP-1000 MEANWELL-PSP-1000 Datasheet
362Kb / 2P
   1000W Single Output with PFC Function
More results

Similar Description - PSP600-13.5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSP-600 MEANWELL-PSP-600_11 Datasheet
396Kb / 3P
   600W with PFC and Parallel Function
PSP-600 MEANWELL-PSP-600_10 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
PSP-600 MEANWELL-PSP-600 Datasheet
392Kb / 3P
   600W with PFC and Parallel Function
logo
Total Power Internation...
PSP-600 TOTAL-POWER-PSP-600 Datasheet
504Kb / 3P
   600W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP-600 ASTRODYNE-PSP-600 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
logo
RSG Electronic Componen...
SCP-600 RSG-SCP-600 Datasheet
143Kb / 2P
   500~600W Parallel Type With PFC Function
logo
Astrodyne Corporation
SCP-600 ASTRODYNE-SCP-600 Datasheet
1Mb / 3P
   500~600W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-600 MEANWELL-SCP-600 Datasheet
333Kb / 3P
   500~600W Parallel (N1) With PFC Function
HRP-600 MEANWELL-HRP-600_11 Datasheet
293Kb / 2P
   600W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com