Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C186-20PC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C186-20PC
Description  8Kx8 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C186-20PC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C186-20PC Datasheet HTML 1Page - Cypress Semiconductor CY7C186-20PC Datasheet HTML 2Page - Cypress Semiconductor CY7C186-20PC Datasheet HTML 3Page - Cypress Semiconductor CY7C186-20PC Datasheet HTML 4Page - Cypress Semiconductor CY7C186-20PC Datasheet HTML 5Page - Cypress Semiconductor CY7C186-20PC Datasheet HTML 6Page - Cypress Semiconductor CY7C186-20PC Datasheet HTML 7Page - Cypress Semiconductor CY7C186-20PC Datasheet HTML 8Page - Cypress Semiconductor CY7C186-20PC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY7C186
Document #: 38-05280 Rev. **
Page 2 of 9
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[2] ............................................ –0.5V to +7.0V
DC Input Voltage[2] ........................................ –0.5V to +7.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage .......................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Pin Configurations (continued)
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
Top View
TSOP
12
13
29
32
21
30
OE
A1
A2
A3
CE2
WE
VCC
NC
NC
A4
A5
A6
A7
A0
CE
I/O7
I/O6
I/O5
I/O4
I/O3
NC
NC
GND
I/O2
I/O1
I/O0
A12
C186-3
NC
16
17
18
15
A
8
A
9
A11
A10
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C186-20
7C186-25,35
Unit
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
2.2
VCC
V
VIL
Input LOW Voltage[2]
–0.5
0.8
–0.5
0.8
V
IIX
Input Load Current
GND < VI < VCC
–5+5
–5+5
µA
IOZ
Output Leakage Current GND < VI < VCC, Output Disabled
–5+5
–5+5
µA
IOS
Output Short
Circuit Current[3]
VCC = Max.,
VOUT = GND
–300
–300
mA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA
110
100
mA
ISB1
Automatic CE1
Power-Down Current
Max. VCC, CE1 > VIH,
Min. Duty Cycle=100%
20
20
mA
ISB2
Automatic CE1
Power-Down Current
Max. VCC, CE1 > VCC – 0.3V,
VIN > VCC – 0.3V or VIN < 0.3V
15
15
mA
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
7pF
COUT
Output Capacitance
7
pF
Notes:
2.
Minimum voltage is equal to
3.0V for pulse durations less than 30 ns.
3.
Not more than 1 output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
4.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C186-20PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C182 CYPRESS-CY7C182 Datasheet
142Kb / 6P
   8Kx9 Static RAM
CY7C182 CYPRESS-CY7C182 Datasheet
157Kb / 7P
   8Kx9 Static RAM
CY7C182-25PC CYPRESS-CY7C182-25PC Datasheet
142Kb / 6P
   8Kx9 Static RAM
CY7C182-25PC CYPRESS-CY7C182-25PC Datasheet
157Kb / 7P
   8Kx9 Static RAM
CY7C182-25VC CYPRESS-CY7C182-25VC Datasheet
142Kb / 6P
   8Kx9 Static RAM
More results

Similar Description - CY7C186-20PC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM6264B SAMSUNG-KM6264B Datasheet
152Kb / 10P
   8Kx8 bit Low Power CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C164LL PYRAMID-P4C164LL Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
logo
Sharp Corporation
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
   STATIC RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62128 ARTSCHIP-CY62128 Datasheet
1Mb / 8P
   Static RAM
CY62256 ARTSCHIP-CY62256 Datasheet
374Kb / 12P
   Static RAM
logo
Toshiba Semiconductor
TC55257DPI-70V TOSHIBA-TC55257DPI-70V Datasheet
676Kb / 13P
   STATIC RAM
logo
Advanced Micro Devices
AM9128 AMD-AM9128 Datasheet
429Kb / 10P
   2048x8 Static RAM
logo
Cypress Semiconductor
CY7C197N CYPRESS-CY7C197N Datasheet
307Kb / 7P
   256Kx1 Static RAM
logo
Advanced Micro Devices
AM9044 AMD-AM9044 Datasheet
278Kb / 7P
   4096x1 Static RAM
logo
Cypress Semiconductor
CY7C150 CYPRESS-CY7C150_03 Datasheet
312Kb / 11P
   1Kx4 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com