Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C168A-15 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C168A-15
Description  4Kx4 RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C168A-15 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C168A-15 Datasheet HTML 1Page - Cypress Semiconductor CY7C168A-15 Datasheet HTML 2Page - Cypress Semiconductor CY7C168A-15 Datasheet HTML 3Page - Cypress Semiconductor CY7C168A-15 Datasheet HTML 4Page - Cypress Semiconductor CY7C168A-15 Datasheet HTML 5Page - Cypress Semiconductor CY7C168A-15 Datasheet HTML 6Page - Cypress Semiconductor CY7C168A-15 Datasheet HTML 7Page - Cypress Semiconductor CY7C168A-15 Datasheet HTML 8Page - Cypress Semiconductor CY7C168A-15 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY7C168A
4
Switching Characteristics Over the Operating Range[2,6]
Parameter
Description
7C168A-15
7C168A-20
7C168A-25
7C168A-35
7C168A-45
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
15
20
25
35
45
ns
tAA
Address to Data Valid
15
20
25
35
45
ns
tOHA
Output Hold from Address Change
5
5
5
5
5
ns
tACE
Power Supply Current
15
20
25
35
45
ns
tLZCE
CE LOW to Low Z[7]
5
5
5
5
5
ns
tHZCE
CE HIGH to High Z[7, 8]
8
8
10
15
15
ns
tPU
CE LOW to Power Up
0
0
0
0
0
ns
tPD
CE HIGH to Power-Down
15
20
20
20
25
ns
tRCS
Read Command Set-Up
0
0
0
0
0
ns
tRCH
Read Command Hold
0
0
0
0
0
ns
WRITE CYCLE[9]
tWC
Write Cycle Time
15
20
20
25
40
ns
tSCE
CE LOW to Write End
12
15
20
25
30
ns
tAW
Address Set-Up to Write End
12
15
20
25
30
ns
tHA
Address Hold from Write End
0
0
0
0
0
ns
tSA
Address Set-Up to Write Start
0
0
0
0
0
ns
tPWE
WE Pulse Width
12
15
15
20
20
ns
tSD
Data Set-Up to Write End
10
10
10
15
15
ns
tHD
Data Hold from Write End
0
0
0
0
0
ns
tLZWE
WE HIGH to Low Z[7]
7
7
7
5
5
ns
tHZWE
WE LOW to High Z[7, 8]
5
5
5
5
10
ns
Switching Waveforms
Notes:
6.
Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
7.
At any given temperature and voltage condition, tHZ is less than tLZ for all devices. Transition is measured ±500 mV from steady state voltage with specified loading in part
(b) of AC Test Loads and Waveforms.
8.
tHZCE and tHZWE are tested with CL = 5 pF as in part (a) of Test Loads and Waveforms. Transition is measured ±500 mV from steady state voltage.
9.
The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. Both signal must be LOW to initiate a write and either signal can terminate a
write by going high. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write.
10. WE is HIGH for read cycle.
11. Device is continuously selected, CE = VIL.
Read Cycle No. 1
ADDRESS
C168A-5
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
[10, 11]


Similar Part No. - CY7C168A-15

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C168A-15PC CYPRESS-CY7C168A-15PC Datasheet
180Kb / 10P
   4Kx4 RAM
CY7C168A-15VC CYPRESS-CY7C168A-15VC Datasheet
180Kb / 10P
   4Kx4 RAM
More results

Similar Description - CY7C168A-15

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C168A CYPRESS-CY7C168A_01 Datasheet
180Kb / 10P
   4Kx4 RAM
logo
Sharp Corporation
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
   STATIC RAM
logo
List of Unclassifed Man...
M41256XX ETC-M41256XX Datasheet
1Mb / 22P
   Dynamic RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62128 ARTSCHIP-CY62128 Datasheet
1Mb / 8P
   Static RAM
CY62256 ARTSCHIP-CY62256 Datasheet
374Kb / 12P
   Static RAM
logo
SUN HOLD ELECTRIC INC
RAM-2A-12 SUNHOLD-RAM-2A-12 Datasheet
808Kb / 2P
   RAM SERIES
logo
Toshiba Semiconductor
TC55257DPI-70V TOSHIBA-TC55257DPI-70V Datasheet
676Kb / 13P
   STATIC RAM
logo
Infineon Technologies A...
CY15B104QSN INFINEON-CY15B104QSN Datasheet
1Mb / 118P
   4Mb EXCELON??Ultra Ferroelectric RAM (F-RAM)
Rev. *K 2022-02-01
CY15B102QN INFINEON-CY15B102QN Datasheet
434Kb / 43P
   2Mb EXCELON??Auto Ferroelectric RAM (F-RAM)
Rev. *N 2022-01-20
logo
Qimonda AG
HYB18H256321BF QIMONDA-HYB18H256321BF Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com