Electronic Components Datasheet Search |
|
MAL215753821E3 Datasheet(PDF) 6 Page - Vishay Siliconix |
|
MAL215753821E3 Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 10 page 157 PUM-SI www.vishay.com Vishay BCcomponents Revision: 20-May-15 6 Document Number: 28338 For technical questions, contact: aluminumcaps2@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 400 68 22 x 25 0.71 0.27 1400 2800 1170 1950 56689E3 76689E3 82 22 x 25 0.77 0.33 1250 2500 970 1620 56829E3 76829E3 100 22 x 30 0.94 0.40 1125 2250 750 1220 56101E3 76101E3 120 22 x 30 0.97 0.48 990 1980 700 1140 56121E3 76121E3 150 22 x 35 1.13 0.60 750 1500 540 900 36151E3 16151E3 150 25 x 30 1.16 0.60 750 1500 540 900 56151E3 76151E3 180 22 x 40 1.29 0.72 630 1260 435 725 46181E3 26181E3 180 25 x 35 1.35 0.72 630 1260 435 725 36181E3 16181E3 220 25 x 40 1.54 0.88 520 1040 355 590 46221E3 26221E3 220 30 x 30 1.50 0.88 520 1040 355 590 56221E3 76221E3 220 35 x 25 1.42 0.88 520 1040 355 590 66221E3 86221E3 270 25 x 45 1.72 1.08 430 860 335 560 66271E3 86271E3 270 30 x 35 1.74 1.08 430 860 335 560 36271E3 16271E3 270 35 x 30 1.71 1.08 430 860 335 560 56271E3 76271E3 330 30 x 40 1.97 1.32 350 700 315 525 56331E3 76331E3 330 35 x 30 1.76 1.32 350 700 315 525 66331E3 86331E3 390 30 x 45 2.19 1.56 300 610 250 420 56391E3 76391E3 390 35 x 35 2.04 1.56 300 610 250 420 36391E3 16391E3 470 30 x 50 2.40 1.88 250 505 210 350 46471E3 26471E3 470 35 x 40 2.30 1.88 250 505 210 350 56471E3 76471E3 560 35 x 45 2.55 2.24 210 425 180 305 46561E3 26561E3 680 35 x 50 2.79 2.72 190 380 160 265 56681E3 76681E3 820 35 x 60 3.33 3.28 155 315 115 215 56821E3 76821E3 450 56 22 x 25 0.68 0.25 1650 3300 1120 1880 57569E3 77569E3 68 22 x 30 0.80 0.30 1400 2800 920 1530 57689E3 77689E3 82 22 x 30 0.87 0.36 1200 2400 780 1290 47829E3 27829E3 82 25 x 25 0.85 0.36 1200 2400 780 1290 57829E3 77829E3 100 22 x 35 1.00 0.45 1000 2000 630 1050 37101E3 17101E3 100 25 x 30 1.02 0.45 1000 2000 630 1050 57101E3 77101E3 120 22 x 40 1.15 0.54 800 1600 530 885 47121E3 27121E3 120 25 x 30 1.09 0.54 800 1600 530 885 57121E3 77121E3 120 30 x 25 1.10 0.54 800 1600 530 885 67121E3 87121E3 150 25 x 40 1.35 0.67 650 1300 420 705 47151E3 27151E3 150 25 x 35 1.27 0.67 650 1300 420 705 67151E3 87151E3 150 30 x 30 1.32 0.67 650 1300 420 705 57151E3 77151E3 180 25 x 40 1.45 0.81 570 1150 360 605 47181E3 27181E3 180 30 x 35 1.49 0.81 570 1150 360 605 57181E3 77181E3 180 35 x 25 1.35 0.81 570 1150 360 605 67181E3 87181E3 220 25 x 50 1.73 0.99 450 900 315 525 47221E3 27221E3 220 30 x 40 1.72 0.99 450 900 315 525 57221E3 77221E3 220 35 x 30 1.61 0.99 450 900 315 525 67221E3 87221E3 270 30 x 45 1.95 1.21 380 770 270 450 37271E3 17271E3 270 35 x 35 1.86 1.21 380 770 270 450 67271E3 87271E3 330 30 x 50 2.19 1.48 300 600 230 390 47331E3 27331E3 330 35 x 40 2.10 1.48 300 600 230 390 57331E3 77331E3 390 35 x 45 2.34 1.75 250 500 190 340 47391E3 27391E3 470 35 x 50 2.60 2.11 210 420 170 290 57471E3 77471E3 680 35 x 60 3.15 3.06 150 300 110 200 57681E3 77681E3 ELECTRICAL DATA AND ORDERING INFORMATION UR (V) CR 100 Hz (μF) NOMINAL CASE SIZE Ø D x L (mm) IR 120 Hz 85 °C (A) IL5 5 min (mA) TYP. ESR 100 Hz (1) (m ) MAX. ESR 100 Hz (1) (m ) TYP. Z 10 kHz (m ) MAX. Z 10 kHz (m ) ORDERING CODE MAL2157....... 2-TERM. 3-TERM. |
Similar Part No. - MAL215753821E3 |
|
Similar Description - MAL215753821E3 |