Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

288XBA5K162A1 Datasheet(PDF) 1 Page - CTS Corporation

Part # 288XBA5K162A1
Description  Commercial Miniature 16mm Size Rotary Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

288XBA5K162A1 Datasheet(HTML) 1 Page - CTS Corporation

  288XBA5K162A1 Datasheet HTML 1Page - CTS Corporation 288XBA5K162A1 Datasheet HTML 2Page - CTS Corporation 288XBA5K162A1 Datasheet HTML 3Page - CTS Corporation 288XBA5K162A1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Commercial
Miniature 16mm Size
Series 288
1 - 4
© 2015 CTS Corporation. All rights reserved. Information subject to change.
4/27/15
CTS Electrocomponents
www.ctscorp.com
Data Sheet
Rotary Encoder
®
Electrocomponents
Robust Construction
2-bit Incremental or 4-bit Absolute
Encoder
Electrical and Mechanical Specifications
Contact Resistance
Voltage Rating
Rotational Life
50,000 cycles
Solder Heat Resistance
260°C for 5 seconds
Rotational Torque
No Detent: 36 - 216 gf.cm
With Detent: 100 - 500 gf.cm
Push-Pull Strength of Shaft
8 kg minimum for 10 seconds
Optional Momentary Switch
Available with 16 Detents
Features
Solder Lug or PCB Terminals
Bushing Mount
RoHS Compliant
Rotary Encoder
Continuous Rotation
Temperature Range
Operating: -25°C to +100°C
Storage: -30°C to +100°C
Insulation Resistance
Special
Consult CTS for customized or features
not listed, including other detent points,
resolution, torque and mounting style.
Detent Points
16 detents available
Resolution
2-bit: 4, 6, 8,10 or 12 pulses in 360°
Encoder:
4-bit: 16 combinations in 360°


Similar Part No. - 288XBA5K162A1

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
288 GILWAY-288 Datasheet
59Kb / 1P
   Subminiature Krypton Lams with Lens(Clear)-End
logo
CTS Corporation
288 CTS-288 Datasheet
523Kb / 4P
   16 mm Rotary Encoders
logo
WAGO Kontakttechnik Gmb...
288-304 WAGO-288-304 Datasheet
372Kb / 6P
   Relay module; Nominal input voltage: 24 VDC; 1 changeover contact
288-312 WAGO-288-312 Datasheet
261Kb / 6P
   Relay module; Nominal input voltage: 24 VDC
288-320 WAGO-288-320 Datasheet
289Kb / 6P
   Relay module; Nominal input voltage: 24 VDC; 1 make contact
More results

Similar Description - 288XBA5K162A1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP16 MACOM-DP16 Datasheet
161Kb / 2P
   16mm Rotary Encoder
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
282T33L502A25A2 CTS-282T33L502A25A2 Datasheet
525Kb / 4P
   Industrial 16mm Size Conductive Plastic Precision Rotary Sensor
282TAAR103A25B1 CTS-282TAAR103A25B1 Datasheet
574Kb / 4P
   Industrial 16mm size Conductive Plastic Precision Rotary Sensor
logo
MultiDimension Technolo...
TMR3IH17 MULTIDIMENSION-TMR3IH17 Datasheet
721Kb / 4P
   Φ17 mm Compact Size Rotary Encoder
logo
CTS Corporation
284TAAR103A24B1 CTS-284TAAR103A24B1 Datasheet
908Kb / 2P
   Industrial 16mm size slim Conductive Plastic Precision Rotary Sensor
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
   Rotary Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com