Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215752391E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL215752391E3
Description  Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215752391E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MAL215752391E3 Datasheet HTML 2Page - Vishay Siliconix MAL215752391E3 Datasheet HTML 3Page - Vishay Siliconix MAL215752391E3 Datasheet HTML 4Page - Vishay Siliconix MAL215752391E3 Datasheet HTML 5Page - Vishay Siliconix MAL215752391E3 Datasheet HTML 6Page - Vishay Siliconix MAL215752391E3 Datasheet HTML 7Page - Vishay Siliconix MAL215752391E3 Datasheet HTML 8Page - Vishay Siliconix MAL215752391E3 Datasheet HTML 9Page - Vishay Siliconix MAL215752391E3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
157 PUM-SI
www.vishay.com
Vishay BCcomponents
Revision: 20-May-15
6
Document Number: 28338
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
400
68
22 x 25
0.71
0.27
1400
2800
1170
1950
56689E3
76689E3
82
22 x 25
0.77
0.33
1250
2500
970
1620
56829E3
76829E3
100
22 x 30
0.94
0.40
1125
2250
750
1220
56101E3
76101E3
120
22 x 30
0.97
0.48
990
1980
700
1140
56121E3
76121E3
150
22 x 35
1.13
0.60
750
1500
540
900
36151E3
16151E3
150
25 x 30
1.16
0.60
750
1500
540
900
56151E3
76151E3
180
22 x 40
1.29
0.72
630
1260
435
725
46181E3
26181E3
180
25 x 35
1.35
0.72
630
1260
435
725
36181E3
16181E3
220
25 x 40
1.54
0.88
520
1040
355
590
46221E3
26221E3
220
30 x 30
1.50
0.88
520
1040
355
590
56221E3
76221E3
220
35 x 25
1.42
0.88
520
1040
355
590
66221E3
86221E3
270
25 x 45
1.72
1.08
430
860
335
560
66271E3
86271E3
270
30 x 35
1.74
1.08
430
860
335
560
36271E3
16271E3
270
35 x 30
1.71
1.08
430
860
335
560
56271E3
76271E3
330
30 x 40
1.97
1.32
350
700
315
525
56331E3
76331E3
330
35 x 30
1.76
1.32
350
700
315
525
66331E3
86331E3
390
30 x 45
2.19
1.56
300
610
250
420
56391E3
76391E3
390
35 x 35
2.04
1.56
300
610
250
420
36391E3
16391E3
470
30 x 50
2.40
1.88
250
505
210
350
46471E3
26471E3
470
35 x 40
2.30
1.88
250
505
210
350
56471E3
76471E3
560
35 x 45
2.55
2.24
210
425
180
305
46561E3
26561E3
680
35 x 50
2.79
2.72
190
380
160
265
56681E3
76681E3
820
35 x 60
3.33
3.28
155
315
115
215
56821E3
76821E3
450
56
22 x 25
0.68
0.25
1650
3300
1120
1880
57569E3
77569E3
68
22 x 30
0.80
0.30
1400
2800
920
1530
57689E3
77689E3
82
22 x 30
0.87
0.36
1200
2400
780
1290
47829E3
27829E3
82
25 x 25
0.85
0.36
1200
2400
780
1290
57829E3
77829E3
100
22 x 35
1.00
0.45
1000
2000
630
1050
37101E3
17101E3
100
25 x 30
1.02
0.45
1000
2000
630
1050
57101E3
77101E3
120
22 x 40
1.15
0.54
800
1600
530
885
47121E3
27121E3
120
25 x 30
1.09
0.54
800
1600
530
885
57121E3
77121E3
120
30 x 25
1.10
0.54
800
1600
530
885
67121E3
87121E3
150
25 x 40
1.35
0.67
650
1300
420
705
47151E3
27151E3
150
25 x 35
1.27
0.67
650
1300
420
705
67151E3
87151E3
150
30 x 30
1.32
0.67
650
1300
420
705
57151E3
77151E3
180
25 x 40
1.45
0.81
570
1150
360
605
47181E3
27181E3
180
30 x 35
1.49
0.81
570
1150
360
605
57181E3
77181E3
180
35 x 25
1.35
0.81
570
1150
360
605
67181E3
87181E3
220
25 x 50
1.73
0.99
450
900
315
525
47221E3
27221E3
220
30 x 40
1.72
0.99
450
900
315
525
57221E3
77221E3
220
35 x 30
1.61
0.99
450
900
315
525
67221E3
87221E3
270
30 x 45
1.95
1.21
380
770
270
450
37271E3
17271E3
270
35 x 35
1.86
1.21
380
770
270
450
67271E3
87271E3
330
30 x 50
2.19
1.48
300
600
230
390
47331E3
27331E3
330
35 x 40
2.10
1.48
300
600
230
390
57331E3
77331E3
390
35 x 45
2.34
1.75
250
500
190
340
47391E3
27391E3
470
35 x 50
2.60
2.11
210
420
170
290
57471E3
77471E3
680
35 x 60
3.15
3.06
150
300
110
200
57681E3
77681E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
85 °C
(A)
IL5
5 min
(mA)
TYP. ESR
100 Hz (1)
(m
)
MAX. ESR
100 Hz (1)
(m
)
TYP. Z
10 kHz
(m
)
MAX. Z
10 kHz
(m
)
ORDERING CODE
MAL2157.......
2-TERM.
3-TERM.


Similar Part No. - MAL215752391E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215752391E3 VISHAY-MAL215752391E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
More results

Similar Description - MAL215752391E3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com