Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215752271E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL215752271E3
Description  Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215752271E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL215752271E3_12 Datasheet HTML 1Page - Vishay Siliconix MAL215752271E3_12 Datasheet HTML 2Page - Vishay Siliconix MAL215752271E3_12 Datasheet HTML 3Page - Vishay Siliconix MAL215752271E3_12 Datasheet HTML 4Page - Vishay Siliconix MAL215752271E3_12 Datasheet HTML 5Page - Vishay Siliconix MAL215752271E3_12 Datasheet HTML 6Page - Vishay Siliconix MAL215752271E3_12 Datasheet HTML 7Page - Vishay Siliconix MAL215752271E3_12 Datasheet HTML 8Page - Vishay Siliconix MAL215752271E3_12 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
157 PUM-SI
www.vishay.com
Vishay BCcomponents
Revision: 20-May-15
4
Document Number: 28338
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) ESR at 120 Hz is approximately 0.95 x ESR 100 Hz
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 157 series
1000 μF/200 V; ± 20 %
Nominal case size: Ø 30 x 40 mm
2-terminal snap-in:
Ordering code: MAL2 157 52102 E3
Former 12NC:
2222 157 52102
3-terminal snap-in:
Ordering code: MAL2 157 72102 E3
Former 12NC:
2222 157 72102
30 x 25
31
27
25
100
30 x 30
31
32
 30
100
30 x 35
31
37
 35
100
30 x 40
31
42
 40
100
30 x 45
31
47
 45
100
30 x 50
31
52
 50
100
35 x 25
36
27
33
50
35 x 30
36
32
 40
50
35 x 35
36
37
 48
50
35 x 40
36
42
 55
50
35 x 45
36
47
 63
50
35 x 50
36
52
 72
50
35 x 60
36
62
 82
50
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
(units per box)
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz/120 Hz
IR
Rated RMS ripple current at 120 Hz, 85 °C
IL5
Max. leakage current after 5 min at UR
ESR
Typ./max. equivalent series resistance at 100 Hz (1)
Z
Typ./max. impedance at 10 kHz


Similar Part No. - MAL215752271E3_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215752271E3 VISHAY-MAL215752271E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
More results

Similar Description - MAL215752271E3_12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com