Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP823ZEU Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP823ZEU
Description  5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP823ZEU Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP823ZEU Datasheet HTML 1Page - Vishay Siliconix SIP823ZEU Datasheet HTML 2Page - Vishay Siliconix SIP823ZEU Datasheet HTML 3Page - Vishay Siliconix SIP823ZEU Datasheet HTML 4Page - Vishay Siliconix SIP823ZEU Datasheet HTML 5Page - Vishay Siliconix SIP823ZEU Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SiP823/SiP824/SiP825
Vishay Siliconix
www.vishay.com
2
Document Number: 72397
S-41150—Rev. B, 14-Jun-04
ORDERING INFORMATION
Reset time-out Period
Default: 210 mS
Threshold Voltage Options
L: 4.63 V
M: 4.38 V
T: 3.08 V
S: 2.93 V
R: 2.63 V
Z: 2.32 V
Y: 2.19 V
x EU x x DT-TR1
Please contact your local Vishay Semiconductor Sales Office for information on
customization of reset voltage, reset time-out, and watchdog time-out options.
Watchdog time-out Period
Default: 1.76 Sec
SiP823
SiP824
SiP825
MARKING INFORMATION
SiP823
SiP824
SiP825
SiP823LEU
AAxxx
SiP824LEU
AIxxx
SiP825LEU
ARxxx
SiP823MEU
ABxxx
SiP824MEU
AKxxx
SiP825MEU
ASxxx
SiP823TEU
ACxxx
SiP824TEU
ALxxx
SiP825TEU
ATxxx
SiP823SEU
ADxxx
SiP824SEU
AMxxx
SiP825SEU
AVxxx
SiP823REU
AExxx
SiP824REU
ANxxx
SiP825REU
AWxxx
SiP823ZEU
AGxxx
SiP824ZEU
AOxxx
SiP825ZEU
AXxxx
SiP823YEU
AHxxx
SiP824YEU
APxxx
SiP825YEU
AYxxx
Last two characters denote date code.
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
−0.3 to 6.0
V
All Other Pins
VMAX
−0.3 to (VCC + 0.3)
V
Input/Output Current, All Pins
IIN(max)
20
mA
Operating Temperature Range
TA
−40 to 85
Storage Temperature Range
Tstg
−65 to 150
_C
Junction Temperature Range
TJ
−40 to 125
Power Dissipation (TA v 70_C)
SOT-23 (Derate 4 mW/_C above 70_C)
PD
310
mW
Notes
a.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.


Similar Part No. - SIP823ZEU

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SIP8 RHOMBUS-IND-SIP8 Datasheet
27Kb / 1P
   High Performance Single Output SIP Passive Delay Lines
SIP8-1.51 RHOMBUS-IND-SIP8-1.51 Datasheet
27Kb / 1P
   High Performance Single Output SIP Passive Delay Lines
SIP8-1.52 RHOMBUS-IND-SIP8-1.52 Datasheet
27Kb / 1P
   High Performance Single Output SIP Passive Delay Lines
SIP8-1.55 RHOMBUS-IND-SIP8-1.55 Datasheet
27Kb / 1P
   High Performance Single Output SIP Passive Delay Lines
SIP8-1.57 RHOMBUS-IND-SIP8-1.57 Datasheet
27Kb / 1P
   High Performance Single Output SIP Passive Delay Lines
More results

Similar Description - SIP823ZEU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com