Electronic Components Datasheet Search |
|
026T120K102A2A1 Datasheet(PDF) 4 Page - CTS Corporation |
|
026T120K102A2A1 Datasheet(HTML) 4 Page - CTS Corporation |
4 / 4 page RESIST TOL A - ±10% B - ±20% METAL MOUNTING BUSHING LENGTH: 1/8" INCREMENTS EXAMPLES: 2 - .250"(6.35mm) 3 - .375"(9.53mm) 8 - 1.000"(25.4mm) 1 - TWIST TAB MOUNT A - .250"(6.35mm) DIECAST B - .375"(9.53mm) DIECAST METAL SHAFT LENGTH “L” FROM MOUNTING SURFACE 1/32"INCREMENTS EXAMPLES: 20 - .625"(6.35mm) 24 - .750"(19.5mm) 28 - .875"(22.2mm) 32 - 1.000"(25.4mm) TERMINAL STYLE T - SOLDER LUG X - PC .687”(17.5mm) U - FORMED TO FRONT V - FORMED TO REAR Ordering Information 026 T 2 20 R 103 B 1 A 1 SHAFT TRIM R - ROUND F - FLATTED .375"X.156" (9.53mmX4.0mm) K - KNURLED S - SD SLOT .063" DEEP X.047" WIDE (1.6mmX1.2mm) TAPER 1 - LINEAR 2 - 20%AUD 3 - 20%CCW AUD SPECIALS 2 - LOCATING LUG RIGHT SIDE 3 - NO LOCATING LUG LOCATING RESISTANCE CODE EXAMPLES CODE RESISTANCE 501 500 OHMS 102 1K 252 2.5K 502 5K 103 10K 253 25K SWITCHES FUNCTION CTS TYPE CURRENT RATING A - NONE B - SPST ROTARY TGC 6AMP @ 125VAC C - DPST ROTARY 027 3AMP @ 125VAC D - SPDT ROTARY 028 3AMP @ 125VAC E - SPST PULL-PUSH FR-K 3AMP @ 125VAC F - SPST ROTARY FR-GC 3AMP @ 125VAC 5A0 5 OHMS 1 - LOCATING LUG LEFT SIDE 5 - LOCATING LUG BOTH SIDE D - ±5% 1AMP @ 250VAC 1AMP @ 250VAC/DC .080±.002 .031±.002 7.92(2)±0.05 2.03±0.05 .875 22.2 MTG. SUR FACE 11.9 ±.031 ±0.8 .469 CENT. .156 3.96 CENT. .328 8.33 .832 21.1 MIN. .925 23.5 MAX. MOUNTING HOLE DETAIL .062 1.57 PCB LAYOUT .082±.002 Ø2.08±0.05 10.41 1.57 .062 10.41 .410 .410 4.17 CLEARANCE HOLE .164 VPE026 Metal Shaft, Twist TAB Mounting, Type “V” Formed Terminals DIMENSION: mm inch Y - PC .867”(22.0mm) MAX CENT STYLE “A” EIA S148 24 TEETH “L” S - FASTON 4 - 4 © 2009 CTS Corporation. All rights reserved. Information subject to change. 12/10/09 CTS Electrocomponents www.ctscorp.com 23.0 MTG. SURFACE TERMINAL HOLES Ø2.18/.086 2 5 6 3 4 1 (P) (R) DIMENSION: mm inch .437 11.1 22.2 ±.031 "L" ±0.8 .875 .125 3.18 ±.003 ±.003 .062±.003 .082±.003 2.08±0.08 1.57±0.08 .062±.003 1.57±0.08 CLEARANCE HOLE .410 10.41 ±0.08 .410 10.41 ±0.08 .164±.003 4.16±0.08 MAX. MOUNTING HOLE DETAIL "A" ±.016 ±0.4 3/8-32 UNEF-2 .906 T2-026 Dual-section, Metal Shaft, Bushing Mounting, Type “T” Solder Lug Terminals * More multi-section models available, consult CTS for details WIPER 1 3 2 CLOCKWISE CIRCUIT CCW CW 1 2 3 WIPER WIPER 5 6 4 1 3 2 CLOCKWISE CIRCUIT CCW CW .250 6.35 .250 6.35 * Refer to series 450 data sheet for power switch detal |
Similar Part No. - 026T120K102A2A1 |
|
Similar Description - 026T120K102A2A1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |