Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN6075S Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN6075S
Description  Low On-Resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6075S Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN6075S Datasheet HTML 1Page - Diodes Incorporated DMN6075S Datasheet HTML 2Page - Diodes Incorporated DMN6075S Datasheet HTML 3Page - Diodes Incorporated DMN6075S Datasheet HTML 4Page - Diodes Incorporated DMN6075S Datasheet HTML 5Page - Diodes Incorporated DMN6075S Datasheet HTML 6Page - Diodes Incorporated DMN6075S Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN6075S
Document number: DS37023 Rev. 4 - 2
3 of 7
www.diodes.com
April 2015
© Diodes Incorporated
DMN6075S
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
3.0
6.0
9.0
12.0
15.0
0
1
2
3
4
5
V
= 2.5V
GS
V
= 3.0V
GS
V
= 3.5V
GS
V
= 4.0V
GS
V
= 10V
GS
V
=5.0V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0
0.03
0.06
0.09
0.12
0.15
0
3
6
9
12
15
V
= 4.5V
GS
V
= 10V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristics
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
2
4
6
8
10
12
14
16
18
20
I = 3.2A
D
I = 2.8A
D
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
0
0.05
0.1
0.15
0.2
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 10V
GS
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
0.4
0.8
1.2
1.6
2
2.4
-50
-25
0
25
50
75
100
125
150
V
= 4.5V
I = 3A
GS
D
V
=
V
I = 5A
GS
D
10


Similar Part No. - DMN6075S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6075S DIODES-DMN6075S Datasheet
517Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6075S-13 DIODES-DMN6075S-13 Datasheet
517Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6075S-7 DIODES-DMN6075S-7 Datasheet
517Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
DMN6075SQ LEIDITECH-DMN6075SQ Datasheet
1Mb / 5P
   60V N-Channel Enhancement Mode MOSFET
Rev : 01.06 .2021
logo
Diodes Incorporated
DMN6075S DIODES-DMN6075S_15 Datasheet
551Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN6075S

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com