Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYP15N65C3 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXYP15N65C3
Description  Optimized for 20-60kHz Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP15N65C3 Datasheet(HTML) 4 Page - IXYS Corporation

  IXYP15N65C3 Datasheet HTML 1Page - IXYS Corporation IXYP15N65C3 Datasheet HTML 2Page - IXYS Corporation IXYP15N65C3 Datasheet HTML 3Page - IXYS Corporation IXYP15N65C3 Datasheet HTML 4Page - IXYS Corporation IXYP15N65C3 Datasheet HTML 5Page - IXYS Corporation IXYP15N65C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYP15N65C3
Fig. 7. Transconductance
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
25
30
35
IC - Amperes
TJ = - 40ºC
150ºC
25ºC
Fig. 10. Reverse-Bias Safe Operating Area
0
5
10
15
20
25
30
35
100
200
300
400
500
600
700
VCE - Volts
TJ = 150ºC
RG = 20
dv / dt < 10V / ns
Fig. 11. Maximum Transient Thermal Impedance
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Pulse Width - Second
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0246
8
10
12
14
16
18
20
QG - NanoCoulombs
VCE = 325V
I C = 15A
I G = 10mA
Fig. 9. Capacitance
10
100
1,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres


Similar Part No. - IXYP15N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYP15N65C3D1 IXYS-IXYP15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXYP15N65C3D1 IXYS-IXYP15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXYP15N65C3D1M IXYS-IXYP15N65C3D1M Datasheet
193Kb / 6P
   Optimized for 20-60kHz Switching
More results

Similar Description - IXYP15N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYP10N65C3D1 IXYS-IXYP10N65C3D1 Datasheet
214Kb / 7P
   Optimized for 20-60kHz Switching
IXYP20N65C3D1M IXYS-IXYP20N65C3D1M Datasheet
193Kb / 6P
   Optimized for 20-60kHz Switching
IXYT30N65C3H1HV IXYS-IXYT30N65C3H1HV Datasheet
266Kb / 6P
   Optimized for 20-60kHz Switching
IXYP10N65C3 IXYS-IXYP10N65C3 Datasheet
211Kb / 6P
   Optimized for 20-60kHz Switching
IXYP10N65C3D1M IXYS-IXYP10N65C3D1M Datasheet
194Kb / 6P
   Optimized for 20-60kHz Switching
IXYH100N65C3 IXYS-IXYH100N65C3 Datasheet
231Kb / 6P
   Optimized for 20-60kHz Switching
IXYP15N65C3D1M IXYS-IXYP15N65C3D1M Datasheet
193Kb / 6P
   Optimized for 20-60kHz Switching
IXYH50N65C3D1 IXYS-IXYH50N65C3D1 Datasheet
186Kb / 7P
   Optimized for 20-60kHz Switching
IXYH40N65C3H1 IXYS-IXYH40N65C3H1 Datasheet
182Kb / 7P
   Optimized for 20-60kHz Switching
IXYH50N65C3H1 IXYS-IXYH50N65C3H1 Datasheet
249Kb / 8P
   Optimized for 20-60kHz Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com