Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYP10N65C3 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXYP10N65C3
Description  Optimized for 20-60kHz Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP10N65C3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXYP10N65C3 Datasheet HTML 1Page - IXYS Corporation IXYP10N65C3 Datasheet HTML 2Page - IXYS Corporation IXYP10N65C3 Datasheet HTML 3Page - IXYS Corporation IXYP10N65C3 Datasheet HTML 4Page - IXYS Corporation IXYP10N65C3 Datasheet HTML 5Page - IXYS Corporation IXYP10N65C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
IXYP10N65C3
Fig. 13. Inductive Switching Energy Loss vs.
Gate Resistance
0.0
0.1
0.2
0.3
0.4
0.5
0.6
50
60
70
80
90
100
110
120
RG - Ohms
0.0
0.4
0.8
1.2
1.6
2.0
2.4
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 400V
I C = 10A
I C = 20A
Fig. 16. Inductive Turn-off Switching Times vs.
Gate Resistance
25
30
35
40
45
50
55
50
60
70
80
90
100
110
120
RG - Ohms
40
60
80
100
120
140
160
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 10A
I C = 20A
Fig. 14. Inductive Switching Energy Loss vs.
Collector Current
0.0
0.1
0.2
0.3
0.4
0.5
4
6
8
101214
161820
IC - Amperes
0.0
0.4
0.8
1.2
1.6
2.0
Eoff
Eon - - - -
RG = 50Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 15. Inductive Switching Energy Loss vs.
Junction Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
25
50
75
100
125
150
TJ - Degrees Centigrade
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Eoff
Eon - - - -
RG = 50Ω , VGE = 15V
VCE = 400V
I C = 10A
I C = 20A
Fig. 17. Inductive Turn-off Switching Times vs.
Collector Current
15
20
25
30
35
40
45
50
55
4
6
8
10121416
1820
IC - Amperes
50
60
70
80
90
100
110
120
130
t f i
td(off) - - - -
RG = 50, VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 18. Inductive Turn-off Switching Times vs.
Junction Temperature
15
20
25
30
35
40
45
50
25
50
75
100
125
150
TJ - Degrees Centigrade
40
50
60
70
80
90
100
110
t f i
td(off) - - - -
RG = 50, VGE = 15V
VCE = 400V
I C = 20A
I C = 10A


Similar Part No. - IXYP10N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYP10N65C3D1 IXYS-IXYP10N65C3D1 Datasheet
214Kb / 7P
   Optimized for 20-60kHz Switching
IXYP10N65C3D1M IXYS-IXYP10N65C3D1M Datasheet
194Kb / 6P
   Optimized for 20-60kHz Switching
More results

Similar Description - IXYP10N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYP10N65C3D1 IXYS-IXYP10N65C3D1 Datasheet
214Kb / 7P
   Optimized for 20-60kHz Switching
IXYP15N65C3 IXYS-IXYP15N65C3 Datasheet
188Kb / 6P
   Optimized for 20-60kHz Switching
IXYP20N65C3D1M IXYS-IXYP20N65C3D1M Datasheet
193Kb / 6P
   Optimized for 20-60kHz Switching
IXYT30N65C3H1HV IXYS-IXYT30N65C3H1HV Datasheet
266Kb / 6P
   Optimized for 20-60kHz Switching
IXYP10N65C3D1M IXYS-IXYP10N65C3D1M Datasheet
194Kb / 6P
   Optimized for 20-60kHz Switching
IXYH100N65C3 IXYS-IXYH100N65C3 Datasheet
231Kb / 6P
   Optimized for 20-60kHz Switching
IXYP15N65C3D1M IXYS-IXYP15N65C3D1M Datasheet
193Kb / 6P
   Optimized for 20-60kHz Switching
IXYH50N65C3D1 IXYS-IXYH50N65C3D1 Datasheet
186Kb / 7P
   Optimized for 20-60kHz Switching
IXYH40N65C3H1 IXYS-IXYH40N65C3H1 Datasheet
182Kb / 7P
   Optimized for 20-60kHz Switching
IXYH50N65C3H1 IXYS-IXYH50N65C3H1 Datasheet
249Kb / 8P
   Optimized for 20-60kHz Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com